Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV70521 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV70521
Description  Micro-Stepping Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV70521 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV70521 Datasheet HTML 2Page - ON Semiconductor NCV70521 Datasheet HTML 3Page - ON Semiconductor NCV70521 Datasheet HTML 4Page - ON Semiconductor NCV70521 Datasheet HTML 5Page - ON Semiconductor NCV70521 Datasheet HTML 6Page - ON Semiconductor NCV70521 Datasheet HTML 7Page - ON Semiconductor NCV70521 Datasheet HTML 8Page - ON Semiconductor NCV70521 Datasheet HTML 9Page - ON Semiconductor NCV70521 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AMIS−30521, NCV70521
http://onsemi.com
6
Table 5. DC PARAMETERS
(DC Parameters are Given for VBB and Temperature in Their Operating Ranges Unless Otherwise Specified)
Convention: Currents Flowing in the Circuit are Defined as Positive
Symbol
Pin(s)
Parameter
Remark/Test Conditions
Min
Typ
Max
Unit
SUPPLY INPUTS
VBB
VBB
Nominal Operating Supply Range
6
30
V
IBB
Total Current Consumption
Unloaded Outputs
8
mA
IBBS
Sleep Current in VBB (Note 7)
Unloaded Outputs
100
mA
VDD
VDD
Logic Supply Voltage
4.75
5
5.25
V
IDDD
Dynamic Current (Note 6)
7.5
10
mA
IDDS
Sleep Current in VDD (Note 7)
100
mA
POWER ON RESET (POR)
VDDH
VDD
Internal POR Comparator Threshold
VDD Rising
3.85
4.20
4.55
V
VDDL
Internal POR Comparator Threshold
VDD Falling
3.85
V
VDDHYS
Hysteresis Between VDDH and VDDL
0.10
0.35
0.60
V
MOTOR DRIVER
IMDmax,Peak
MOTXP
MOTXN
MOTYP
MOTYN
Max Peak Current Through Motor Coil
TJ = −40°C
1600
mA
IMDabs
Absolute Error on Coil Current
TJ = 125°C
−10
10
%
IMDrel
Error On Current Ratio Icoilx/Icoily
−7
7
%
ISET_TC1
Temperature Coefficient of Coil Current
Set−Level, CUR[4:0] = 0...27
TJ v 160°C
−240
ppm/K
ISET_TC2
Temperature Coefficient of Coil Current
Set−Level, CUR[4:0] = 28...31
TJ v 160°C
−490
ppm/K
RHS
On−Resistance High−Side Driver,
(Note 9) CUR[4:0] = 0...31
VBB = 12 V, TJ = 27°C
0.45
0.56
W
VBB = 12 V, TJ = 160°C
0.94
1.25
W
RLS3
On−Resistance Low−Side Driver,
(Note 9) CUR[4:0] = 23...31
VBB = 12 V, TJ = 27°C
0.45
0.56
W
VBB = 12 V, TJ = 160°C
0.94
1.25
W
RLS2
On−Resistance Low−Side Driver,
(Note 9) CUR[4:0] = 16...22
VBB = 12 V, TJ = 27°C
0.90
1.2
W
VBB = 12 V, TJ = 160°C
1.9
2.5
W
RLS1
On−Resistance Low−Side Driver,
(Note 9) CUR[4:0] = 9...15
VBB = 12 V, TJ = 27°C
1.8
2.3
W
VBB = 12 V, TJ = 160°C
3.8
5.0
W
RLS0
On−Resistance Low−Side Driver,
(Note 9) CUR[4:0] = 0...8
VBB = 12 V, TJ = 27°C
3.6
4.5
W
VBB = 12 V, TJ = 160°C
7.5
10
W
IMpd
Pulldown Current
HiZ Mode
1
mA
DIGITAL INPUTS
Ileak
DI, CLK
NXT, DIR
CLR, CS
Input Leakage (Note 8)
TJ = 160°C
0.5
mA
VIL
Logic Low Threshold
0
0.75
V
VIH
Logic High Threshold
2.20
VDD
V
Rpd_CLR
CLR
Internal Pulldown Resistor
120
280
kW
Rpd_TST
TST0
Internal Pulldown Resistor
3
8
kW
6. Current with oscillator running, all analogue cells active, SPI communication and NXT pulses applied. No floating inputs. Guaranteed by
design.
7. Current with all analogue cells in power down. Logic is powered but no clocks running. All outputs unloaded, no inputs floating.
8. Not valid for pins with internal Pulldown resistor
9. Characterization Data Only


Similar Part No. - NCV70521

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV70521MN003G ONSEMI-NCV70521MN003G Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
NCV70521MN003R2G ONSEMI-NCV70521MN003R2G Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
More results

Similar Description - NCV70521

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com