Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5623BMUTBG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5623BMUTBG
Description  Triple Output I2C Controlled RGB LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5623BMUTBG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5623BMUTBG Datasheet HTML 3Page - ON Semiconductor NCP5623BMUTBG Datasheet HTML 4Page - ON Semiconductor NCP5623BMUTBG Datasheet HTML 5Page - ON Semiconductor NCP5623BMUTBG Datasheet HTML 6Page - ON Semiconductor NCP5623BMUTBG Datasheet HTML 7Page - ON Semiconductor NCP5623BMUTBG Datasheet HTML 8Page - ON Semiconductor NCP5623BMUTBG Datasheet HTML 9Page - ON Semiconductor NCP5623BMUTBG Datasheet HTML 10Page - ON Semiconductor NCP5623BMUTBG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NCP5623B
http://onsemi.com
9
The dimming is built with 30 steps and the time delay
encoded into the second byte of the I2C transaction: see
Table 1.
When the gradual dimming is deactivated (B7 = B6 = 0,
B5 = 1), the output current is straightforwardly set up to the
level defined by the contain of the related register upon
acknowledge of the output current byte.
The gradual dimming sequence must be set up before a
new output current data byte is send to the NCP5623B . At
this point, the brightness sequence takes place when the new
data byte is acknowledged by the internal I2C decoder. Since
the six registers are loaded on independent byte flow
associated to the I2C address, any parameter of the
NCP5623B chip can be updated ahead of the next function
as depicted in Table 2.
Table 2. Basic Programming Sequences
I2C Address
COMMAND Bits[7:0]
Operation
Note
$70
000X XXXX
System Shut Down
Bits[4:0] are irrelevant
$70
0010 0000
0011 1111
Set Up the ILED current
ILED register
Bits[4:0] contain the IMAX value as defined by the
Iref value
$70
0100 0000
0101 1111
Set Up the PWM1
PWM1
Bits[4:0] contain the PWM value
$70
0110 0000
0111 1111
Set Up the PWM2
PWM2
Bits[4:0] contain the PWM value
$70
1000 0000
1001 1111
Set Up the PWM3
PWM3
Bits[4:0] contain the PWM value
$70
1010 0000
1011 1111
Set Up the IEND Upward
UPWARD
Bits[4:0] contain the IEND value
$70
1100 0000
1101 1111
Set Up the IEND Downward
DWNWRD
Bits[4:0] contain the IEND value
$70
1110 0000
1111 1111
Set Up the Gradual Dimming time
and run the sequence
GRAD
Bits[4:0] contain the TIME value
The number of step for a given sequence, depends upon
the start and end output current range: since the IPEAK
value is encoded in the Bits[4:0] binary scale, a maximum
of 31 steps is achievable during a gradual dimming
operation.
The number of steps will be automatically recalculated by
the chip according to the equation:
Nstep = | existing step position − new step position |
As an example, assuming the previously programmed
step was 5 and the new one is 15, then we will have 10 steps
to run between the actual location to the end value. If the
timing was set at 16 ms, the total gradual dimming sequence
will be 160 ms.
To select the direction of the gradual dimming (either
Upward or Downward), one shall send the appropriate
register before to activate the sequence as depicted below:
1010 1111
³ 1110 0011 ³ select an UPWARD sequence
with 24 ms/step, the end IPEAK current being (IREF *
2400) / (31 − 16) mA.
1100 0001
³ 1110 0100 ³ select the DOWNWARD
sequence with 32 ms/step, the end IPEAK current being
(IREF * 2400) / (31 − 1) mA.
Table 3. Output Current Programmed Value (ILED = F(Step))
Step
ILED (mA)
Step
ILED (mA)
Step
ILED (mA)
Step
ILED (mA)
0 / $00
0
9 / $09
1.25
18 / $12
2.12
27 $1B
6.90
1 / $01
0.92
10 / $0A
1.31
19 / $13
2.30
28 / $1C
9.20
2 / $02
0.95
11 / $0B
1.38
20 / $14
2.50
29 / $1D
13.80
3 / $03
0.98
12 / $0C
1.45
21 / $15
2.76
30 / $1E
27.60
4 / $04
1.02
13 / $0D
1.53
22 / $16
3.06
31 / $1F
27.60
5 / $05
1.06
14 / $0E
1.62
23 / $17
3.45
6 / $06
1.10
15 / $0F
1.72
24 / $18
3.94
7 / $07
1.15
16 / $10
1.84
25 / $19
4.60
8 / $08
1.20
17 / $11
1.97
26 / $1A
5.52
NOTE: The table assumes IREF = 11.5 mA


Similar Part No. - NCP5623BMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623BMUTBG ONSEMI-NCP5623BMUTBG Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
More results

Similar Description - NCP5623BMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Kinetic Technologies.
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
   I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com