Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608BDR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1608BDR2G
Description  Critical Conduction Mode PFC Controller Utilizing OTA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608BDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1608BDR2G Datasheet HTML 1Page - ON Semiconductor NCP1608BDR2G Datasheet HTML 2Page - ON Semiconductor NCP1608BDR2G Datasheet HTML 3Page - ON Semiconductor NCP1608BDR2G Datasheet HTML 4Page - ON Semiconductor NCP1608BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1608BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1608BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1608BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1608BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NCP1608
http://onsemi.com
5
Table 3. ELECTRICAL CHARACTERISTICS (Continued)
VFB = 2.4 V, VControl = 4 V, Ct = 1 nF, VCS = 0 V, VZCD = 0 V, CDRV = 1 nF, VCC = 12 V, unless otherwise specified
(For typical values, TJ = 25°C. For min/max values, TJ = −40°C to 125°C, unless otherwise specified)
Characteristic
Unit
Max
Typ
Min
Symbol
Test Conditions
RAMP CONTROL
Ct Peak Voltage
VControl = open
VCt(MAX)
4.775
4.93
5.025
V
On Time Capacitor Charge Current
VControl = open
VCt = 0 V to VCt(MAX)
Icharge
235
275
297
mA
Ct Capacitor Discharge Duration
VControl = open
VCt = VCt(MAX) −100 mV to 500 mV
tCt(discharge)
50
150
ns
PWM Propagation Delay
dV/dt = 30 V/ms
VCt = VControl − Ct(offset)
to VDRV = 10%
tPWM
130
220
ns
CURRENT SENSE
Current Sense Voltage Threshold
VILIM
0.45
0.5
0.55
V
Leading Edge Blanking Duration
VCS = 2 V, VDRV = 90% to 10%
tLEB
100
190
350
ns
Overcurrent Detection Propagation
Delay
dV/dt = 10 V/ms
VCS = VILIM to VDRV = 10%
tCS
40
100
170
ns
Current Sense Bias Current
VCS = 2 V
ICS
−1
1
mA
ZERO CURRENT DETECTION
ZCD Arming Threshold
VZCD = Increasing
VZCD(ARM)
1.25
1.4
1.55
V
ZCD Triggering Threshold
VZCD = Decreasing
VZCD(TRIG)
0.6
0.7
0.83
V
ZCD Hysteresis
VZCD(HYS)
500
700
900
mV
ZCD Bias Current
VZCD = 5 V
IZCD
− 2
+ 2
mA
Positive Clamp Voltage
IZCD = 3 mA
VCL(POS)
9.8
10
12
V
Negative Clamp Voltage
IZCD = −2 mA
VCL(NEG)
−0.9
−0.7
−0.5
V
ZCD Propagation Delay
VZCD = 2 V to 0 V ramp,
dV/dt = 20 V/ms
VZCD = VZCD(TRIG) to VDRV = 90%
tZCD
100
170
ns
Minimum ZCD Pulse Width
tSYNC
70
ns
Maximum Off Time in Absence of ZCD
Transition
Falling VDRV = 10% to
Rising VDRV = 90%
tstart
75
165
300
ms
DRIVE
Drive Resistance
Isource = 100 mA
Isink = 100 mA
ROH
ROL
12
6
20
13
W
Rise Time
10% to 90%
trise
35
80
ns
Fall Time
90% to 10%
tfall
25
70
ns
Drive Low Voltage
VCC = VCC(on)−200 mV,
Isink = 10 mA
Vout(start)
0.2
V


Similar Part No. - NCP1608BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608BDR2G ONSEMI-NCP1608BDR2G Datasheet
229Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608 ONSEMI-NCP1608_10 Datasheet
276Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
June, 2010 ??Rev. 3
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com