Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1252BDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1252BDR2G
Description  Flyback Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1252BDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1252BDR2G Datasheet HTML 1Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 2Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 3Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 4Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP1252
http://onsemi.com
4
Table 4. ELECTRICAL CHARATERISTICS
(VCC = 15 V, RT = 43 kW, CDRV = 1 nF. For typical values TJ = 25°C, for min/max values TJ = –25°C to +125°C, unless otherwise noted)
Characteristics
Test Condition
Symbol
Min
Typ
Max
Unit
SUPPLY SECTION AND VCC MANAGEMENT
Startup threshold at which driving pulses are
authorized
VCC increasing
VCC(on)
9.4
10
10.6
V
Minimum Operating voltage at which driving
pulses are stopped
VCC decreasing
VCC(off)
8.4
9
9.6
V
Hysteresis between VCC(on) and VCC(min)
VCC(HYS)
0.9
1.0
V
Start−up current, controller disabled
VCC < VCC(on) & VCC
increasing from zero
ICC1
100
mA
Internal IC consumption, controller switching
Fsw =100 kHz, DRV = open
ICC2
0.5
1.4
2.2
mA
Internal IC consumption, controller switching
Fsw =100 kHz, CDRV = 1 nF
ICC3
2.0
2.7
3.5
mA
CURRENT COMPARATOR
Current Sense Voltage Threshold
VILIM
0.92
1
1.08
V
Leading Edge Blanking Duration
tLEB
160
ns
Input Bias Current
(Note 3)
Ibias
0.02
mA
Propagation delay
From CS detected to gate
turned off
tILIM
70
150
ns
Internal Ramp Compensation Voltage level
@ 25°C (Note 4)
Vramp
3.15
3.5
3.85
V
Internal Ramp Compensation resistance to
CS pin
@ 25°C (Note 4)
Rramp
26.5
kW
INTERNAL OSCILLATOR
Oscillator Frequency
RT = 43 kW &
DRV pin = 47 kW
fOSC
92
100
108
kHz
Oscillator Frequency
RT = 8.5 kW &
DRV pin = 47 kW
fOSC
425
500
550
kHz
Frequency Modulation in percentage of fOSC
(Note 3)
fjitter
±5
%
Frequency modulation Period
(Note 3)
Tswing
3.33
ms
Maximum operating frequency
(Note 3)
fMAX
500
kHz
Maximum duty−cycle – A version
DCmaxA
45.6
48
49.6
%
Maximum duty−cycle – B version
DCmaxB
76
80
84
%
FEEDBACK SECTION
Internal voltage division from FB to CS set-
point
FBdiv
3
Internal pull−up resistor
Rpull−up
3.5
kW
FB pin maximum current
FB pin = GND
IFB
1.5
mA
Internal feedback impedance from FB to
GND
ZFB
40
kW
Open loop feedback voltage
FB pin = open
VFBOL
6.0
V
Internal Diode forward voltage
(Note 3)
Vf
0.75
V
DRIVE OUTPUT
DRV Source resistance
RSRC
10
30
W
DRV Sink resistance
RSINK
6
19
W
Output voltage rise−time
VCC = 15 V, CDRV = 1nF,
10 to 90%
tr
26
ns
3. Guaranteed by design
4. Vramp, Rramp Guaranteed by design


Similar Part No. - NCP1252BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
More results

Similar Description - NCP1252BDR2G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3492G-LF PCA-EPC3492G-LF_12 Datasheet
422Kb / 1P
   25W PoE Applications Flyback Transformer
logo
Coilcraft lnc.
LPR4012 COILCRAFT-LPR4012_13 Datasheet
162Kb / 2P
   For Step-Up, Resonant & Flyback Applications
LPR6235 COILCRAFT-LPR6235_13 Datasheet
154Kb / 2P
   For Step-Up, Resonant & Flyback Applications
logo
Infineon Technologies A...
Z8F70258391 INFINEON-Z8F70258391 Datasheet
1Mb / 29P
   12V 1A AUTOMOTIVE FLYBACK CONVERTER for AUTOMOTIVE APPLICATIONS
Revision 2.0 2020-09-07
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
logo
XFMRS Inc.
XF0106-EFD25S XFMRS-XF0106-EFD25S Datasheet
82Kb / 1P
   Flyback
logo
ON Semiconductor
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
logo
Fairchild Semiconductor
FAN501A FAIRCHILD-FAN501A Datasheet
1Mb / 16P
   Offline DCM / CCM Flyback PWM Controller for Charger Applications
logo
XFMRS Inc.
XF0106-EFD25S XFMRS-XF0106-EFD25S Datasheet
56Kb / 1P
   Flyback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com