Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBXSBB021LN1TAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NBXSBB021LN1TAG
Description  Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBB021LN1TAG Datasheet(HTML) 5 Page - ON Semiconductor

  NBXSBB021LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXSBB021LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXSBB021LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXSBB021LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXSBB021LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXSBB021LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NBXSBA021, NBXSBB021
http://onsemi.com
5
Table 7. RELIABILITY COMPLIANCE
Parameter
Standard
Method
Shock
Mechanical
MIL-STD-833, Method 2002, Condition B
Solderability
Mechanical
MIL-STD-833, Method 2003
Vibration
Mechanical
MIL-STD-833, Method 2007, Condition A
Solvent Resistance
Mechanical
MIL-STD-202, Method 215
Thermal Shock
Environment
MIL-STD-833, Method 1011, Condition A
Moisture Level Sensitivity
Environment
MSL1 260
°C per IPC/JEDEC J-STD-020D
Figure 4. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D - Termination of ECL Logic Devices.)
Receiver
Device
CLK
D
CLK
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VDD - 2.0 V
NBXSBB021/NBXSBA021
Device
Driver
260
217
175
150
Temperature (
°C)
temp. 260
°C
20 - 40 sec. max.
Time
60
180 sec.
3
°C/sec. max.
cooling
6
°C/sec. max.
60
150 sec.
reflow
peak
pre-heat
ramp-up
Figure 5. Recommended Reflow Soldering Profile


Similar Part No. - NBXSBB021LN1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBB021LN1TAG ONSEMI-NBXSBB021LN1TAG Datasheet
131Kb / 6P
   3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results

Similar Description - NBXSBB021LN1TAG

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com