Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7L1008MMNG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB7L1008MMNG
Description  Multi?묹evel Inputs w/ Internal Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L1008MMNG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB7L1008MMNG Datasheet HTML 2Page - ON Semiconductor NB7L1008MMNG Datasheet HTML 3Page - ON Semiconductor NB7L1008MMNG Datasheet HTML 4Page - ON Semiconductor NB7L1008MMNG Datasheet HTML 5Page - ON Semiconductor NB7L1008MMNG Datasheet HTML 6Page - ON Semiconductor NB7L1008MMNG Datasheet HTML 7Page - ON Semiconductor NB7L1008MMNG Datasheet HTML 8Page - ON Semiconductor NB7L1008MMNG Datasheet HTML 9Page - ON Semiconductor NB7L1008MMNG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NB7L1008M
http://onsemi.com
8
LVPECL
Driver
VCC
GND
ZO = 50 W
VT = VCC − 2 V
ZO = 50 W
NB7L1008M
IN
50 W
50 W
IN
GND
Figure 12. LVPECL Interface
LVDS
Driver
VCC
GND
ZO = 50 W
VT = Open
ZO = 50 W
NB7L1008M
IN
50 W
50 W
IN
GND
Figure 13. LVDS Interface
VCC
VCC
CML
Driver
VCC
GND
ZO = 50 W
VT = VCC
ZO = 50 W
NB7L1008M
IN
50 W
50 W
IN
GND
VCC
Figure 14. Standard 50 W Load CML Interface
Differential
Driver
VCC
GND
ZO = 50 W
VT = VREFAC*
ZO = 50 W
NB7L1008M
IN
50 W
50 W
IN
GND
VCC
Figure 15. Capacitor−Coupled
Differential Interface
(VT Connected to VREFAC)
*VREFAC bypassed to ground with a 0.01 mF capacitor
Differential
Driver
VCC
GND
ZO = 50 W
VT = VREFAC*
NB7L1008M
IN
50 W
50 W
IN
GND
VCC
Figure 16. Capacitor−Coupled
Single−Ended Interface
(VT Connected to VREFAC)


Similar Part No. - NB7L1008MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L1008MNG ONSEMI-NB7L1008MNG Datasheet
185Kb / 10P
   2.5V / 3.3V 1:8 LVPECL Fanout Buffer
April, 2014 ??Rev. 1
NB7L1008MNTXG ONSEMI-NB7L1008MNTXG Datasheet
185Kb / 10P
   2.5V / 3.3V 1:8 LVPECL Fanout Buffer
April, 2014 ??Rev. 1
More results

Similar Description - NB7L1008MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L72M ONSEMI-NB7L72M Datasheet
148Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
September, 2008 ??Rev. 1
NB6VQ572M ONSEMI-NB6VQ572M Datasheet
1Mb / 11P
   Multi?묹evel Inputs w/ Internal Termination
April, 2009 ??Rev. 0
NB7L72M ONSEMI-NB7L72M_13 Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
NB7VQ14M ONSEMI-NB7VQ14M Datasheet
173Kb / 10P
   Multi?묹evel Inputs Internal Termination
December, 2010 ??Rev. 0
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
   DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
logo
Renesas Technology Corp
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_07 Datasheet
135Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop with Reset Multi-Level Inputs to LVPECL Translator w/ Internal Termination
January, 2007 ??Rev. 2
logo
Exar Corporation
SP339B EXAR-SP339B Datasheet
719Kb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com