Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7971 Datasheet(PDF) 1 Page - Sonardyne sound in depth

Part # 7971
Description  Programmable Generic Transponder (PGT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

7971 Datasheet(HTML) 1 Page - Sonardyne sound in depth

  7971 Datasheet HTML 1Page - Sonardyne sound in depth 7971 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Datasheet
Programmable Generic Transponder (PGT)
Description
The Programmable Generic
Transponder (PGT) is the successor to
Sonardyne's popular Type 7730
HPR Transponder/Responder.
Available in three versions; Type
7971 Omni-Directional, Type 7977
Directional and Type 7978 Super
Directional, the PGT family
incorporates Sonardyne's latest
acoustic design developments with
the hardware already installed to
permit through-life upgrading of
functionality.
Features include a depth telemetry
capability for improved positioning
accuracy, channel selection via dual
external controls (or optional serial
data link) and innovative 'screw-off'
acoustic release mechanism. These
benefits are combined with an
increased depth rating (2,500m,
4,000m or 6,000m) and
compatibility with all HPR 300 and
HPR 400 channels. Where size and
weight are important operational
factors a short housing version is
available (requires external power
supply).
Applications for the PGT include the
accurate tracking of cable ploughs
and deep ROVs, long term marking
of seabed targets (e.g. wellheads)
and as a position reference
transponder for dynamic positioning
systems.
Key Features
Depth rated to 2,500 Metres
(4,000 Metre rated option
available)
Channel selection via dual external
controls or optional serial data port
Depth telemetry capability option
'Screw-off' acoustic release
available
Choice of housing lengths to suit
deployment scenario and
application
Type 7977/7978
Depth rated to 2,500 Metres
(4,000 & 6,000 Metre rated
option available)
High power Directional and Super
Directional transducers
Depth telemetry capability option
'Screw-off' acoustic release
available'
External On/Off and channel
controls
Choice of short (No battery) or
long housing available


Similar Part No. - 7971

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
797 WILCOXON-797 Datasheet
245Kb / 1P
   General purpose accelerometer
Rev.E.1
logo
Glenair, Inc.
797-077 GLENAIR-797-077 Datasheet
262Kb / 1P
   Micro-Crimp Hermetic Receptacle
797-087 GLENAIR-797-087 Datasheet
318Kb / 2P
   Micro-Crimp Hermetic Receptacle
797-204 GLENAIR-797-204 Datasheet
312Kb / 2P
   Micro-Crimp Hermetic Receptacle
797-216 GLENAIR-797-216 Datasheet
212Kb / 1P
   Micro-Crimp Hermetic Receptacle Connector
More results

Similar Description - 7971

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
ISPGDXTMFAMILY LATTICE-ISPGDXTMFAMILY Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
logo
ATMEL Corporation
TSSOP-44 ATMEL-TSSOP-44 Datasheet
34Kb / 1P
   Generic socket card
logo
Microchip Technology
IS2062 MICROCHIP-IS2062 Datasheet
8Mb / 74P
   Generic access service
07/14/15
logo
National Semiconductor ...
GAL22V10-15 NSC-GAL22V10-15 Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
logo
List of Unclassifed Man...
W55MID35 ETC2-W55MID35 Datasheet
327Kb / 10P
   Transponder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com