Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7832-000-03 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 7832-000-03
Description  ROV-Homer Target Relocation System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

7832-000-03 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  7832-000-03 Datasheet HTML 1Page - Sonardyne sound in depth 7832-000-03 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice - 10/2006
Specifications
ROV-Homer Target Relocation System
ROV Range and Direction Unit
Type 7832-000-01
Type 7832-000-03
Depth rating
4,000 Metres
12,000 Metres
Operating Frequency
HF (35–55kHz)
HF (35–55kHz)
Transmit Source Level
90dB re 1µPa @1m
90dB re 1µPa @1m
Directional Indication (10° Wide Receive)
Left, Right or Ahead
Left, Right or Ahead
Range Resolution
0.1 Metre
0.1 Metre
Maximum Operating Range
750 Metres (Dependent on conditions)
750 Metres (Dependent on conditions)
Power Supply
12V – 24V DC
12V – 24V DC
Quiescent Life
Continuous when powered from ROV
Continuous when powered from ROV
Position Update Interval
1.5 seconds
1.5 seconds
Mechanical Construction
Anodised Aluminium Alloys and Plastics
Titanium grade 5
Diameter (LxDia)
272mm (10.7”) X 72mm (2.85”)
370mm (14.57”) X 100mm (39.4”)
Weight in Air
2.1kg
8.0kg
Weight in Water
1.3kg
5.8kg
Transponder Options
Type 7815-000-7
Type 7835-000-01
Type 7835-000-05
Depth Rating
500 Metres
4,000 Metres
12,000 Metres
Operating Frequency
HF (33–35kHz)
HF (33–35kHz)
HF (33–35kHz)
Battery Life (Listening)
2 years (Alkaline) 4.5
years (Long-Life Lithium)
2 years (Alkaline) 4.5 years
(Long-Life Lithium)
2 years (Alkaline) 4.5
years (Long-Life Lithium)
Mechanical Construction
Aluminium Alloys
and plastics
Aluminium Alloys and S/steel Titanium grade 5,
Anodised
Dimensions (LxDia)
441mm (17.3”) x
64mm (2.5”)
353mm (13.8”) x
64mm (2.5”)
267mm (10.5”) x
80mm (3.1”)
Weight in Air
1.1kg
1.9kg
5.5kg
Weight in Water
0.75kg
1.2kg
3.8kg
.


Similar Part No. - 7832-000-03

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7832 KEYSTONE-7832 Datasheet
98Kb / 1P
   PC QUICK-FIT HEADER
REV, D
logo
Molex Electronics Ltd.
78320-0001 MOLEX-78320-0001 Datasheet
108Kb / 2P
   Micro SATA
78320-0001 MOLEX9-78320-0001 Datasheet
371Kb / 7P
   1.27mm (.050) Pitch High Speed Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, SMT, Right Angle, Top Mount, 16 Circuits, Tray, Lead free
78320-0002 MOLEX9-78320-0002 Datasheet
393Kb / 7P
   1.27mm (.050) Pitch High Speed Micro Serial ATA Device Receptacle for 1.8 HDD/SSD, SMT, Right Angle, Top Mount, with Support Rib, Tape on Reel, Lead free
78320-1001 MOLEX9-78320-1001 Datasheet
371Kb / 7P
   1.27mm (.050") Pitch High Speed Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, SMT, Right Angle
More results

Similar Description - 7832-000-03

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7797 SONARDYNE-7797 Datasheet
192Kb / 2P
   Homer-Pro Diver Target Relocation System
logo
Agere Systems
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
   Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
logo
Baumer IVO GmbH & Co. K...
N155 IVO-N155 Datasheet
471Kb / 4P
   Target Displays
logo
Semikron International
SKM75GB12V SEMIKRON-SKM75GB12V Datasheet
388Kb / 3P
   Target Data
SKM150GB12V SEMIKRON-SKM150GB12V Datasheet
388Kb / 3P
   Target Data
logo
List of Unclassifed Man...
PI-5328 ETC2-PI-5328 Datasheet
363Kb / 1P
   Target Contact
logo
Vitesse Semiconductor C...
VSC9110 VITESSE-VSC9110 Datasheet
1Mb / 13P
   Target Specification
logo
Semikron International
SKM150GAL12V SEMIKRON-SKM150GAL12V Datasheet
424Kb / 3P
   Target Data
logo
Vitesse Semiconductor C...
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
   Target Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com