Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH652 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH652
Description  3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH652 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVTH652 Datasheet HTML 2Page - Texas Instruments SN74LVTH652 Datasheet HTML 3Page - Texas Instruments SN74LVTH652 Datasheet HTML 4Page - Texas Instruments SN74LVTH652 Datasheet HTML 5Page - Texas Instruments SN74LVTH652 Datasheet HTML 6Page - Texas Instruments SN74LVTH652 Datasheet HTML 7Page - Texas Instruments SN74LVTH652 Datasheet HTML 8Page - Texas Instruments SN74LVTH652 Datasheet HTML 9Page - Texas Instruments SN74LVTH652 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SN54LVTH652, SN74LVTH652
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCBS706D – AUGUST 1997 – REVISED APRIL 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 2)
SN54LVTH652
SN74LVTH652
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
150
MHz
tw
Pulse duration, CLK high or low
3.3
3.3
3.3
3.3
ns
t
Setup time,
Data high
1.3
1.6
1.2
1.5
ns
tsu
,
A or B before CLKAB
↑ or CLKBA↑
Data low
1.9
2.6
1.6
2.2
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
1.2
1.2
0.8
0.8
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
SN54LVTH652
SN74LVTH652
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
150
150
150
MHz
tPLH
CLKBA or
AorB
1.7
5
5.9
1.8
3.1
4.7
5.6
ns
tPHL
CLKAB
A or B
1.7
5
5.9
1.8
3.1
4.7
5.6
ns
tPLH
AorB
BorA
1.2
3.7
4.3
1.3
2.3
3.5
4.1
ns
tPHL
A or B
B or A
1.2
3.7
4.3
1.3
2.4
3.5
4.1
ns
tPLH
SBA or SAB‡
AorB
1.4
5.2
6.3
1.5
3.1
4.9
6
ns
tPHL
SBA or SAB‡
A or B
1.4
5.2
6.3
1.5
3.4
4.9
6
ns
tPZH
OEBA
A
1
5.4
6.7
1.1
2.9
5.2
6.5
ns
tPZL
OEBA
A
1
5.4
6.7
1.1
3.1
5.2
6.5
ns
tPHZ
OEBA
A
2.2
5.9
6.5
2.3
3.5
5.5
6.1
ns
tPLZ
OEBA
A
2.2
5.9
6.3
2.3
3.7
5.5
5.9
ns
tPZH
OEAB
B
1.2
4.9
5.9
1.3
3
4.7
5.7
ns
tPZL
OEAB
B
1.2
4.9
5.9
1.3
3.3
4.7
5.7
ns
tPHZ
OEAB
B
1.4
5.8
7
1.5
3.6
5.6
6.7
ns
tPLZ
OEAB
B
1.4
5.9
6.6
1.5
3.7
5.6
6.3
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ These parameters are measured with the internal output state of the storage register opposite that of the bus input.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTH652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH652 TI-SN74LVTH652 Datasheet
518Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH652-EP TI1-SN74LVTH652-EP Datasheet
328Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVTH652DBLE TI-SN74LVTH652DBLE Datasheet
518Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH652DBR TI-SN74LVTH652DBR Datasheet
518Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH652DBRE4 TI-SN74LVTH652DBRE4 Datasheet
518Kb / 18P
[Old version datasheet]   3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT646 TI-SN54LVT646 Datasheet
155Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI1-SN54LVTH646_15 Datasheet
936Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI-SN54LVT2952 Datasheet
151Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT646 TI1-SN54LVT646_14 Datasheet
386Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI1-SN54LVT2952_14 Datasheet
250Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH2952 TI-SN54LVTH2952 Datasheet
124Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT652 TI1-SN54LVT652 Datasheet
279Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com