Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-01G-XTP Datasheet(PDF) 6 Page - ON Semiconductor

Part # FS7140-01G-XTP
Description  Programmable Phase-Locked Loop Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140-01G-XTP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FS7140-01G-XTP Datasheet HTML 2Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 3Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 4Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 5Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 6Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 7Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 8Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 9Page - ON Semiconductor FS7140-01G-XTP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FS714x
Then:
R1 (from CLKP and CLKN output to VDD) =
RLOAD * VDD / VHI =
75 * 3.3 / 2.4 =
103 ohms
R2 (from CLKP and CLKN output to GND)
=
RLOAD * VDD / (VDD - VHI) =
75 * 3.3 / (3.3 - 2.4) =
275 ohms
Rprgm (from VDD to IPRG pin)
=
26 * (VDD * RLOAD) / (VHI - VLO) / 3 =
26 * (3.3 * 75) / (2.4 - 1.6) / 3 =
2.68 Kohms
4.3 SYNC Circuitry
The FS7145 supports nearly instantaneous adjustment of the output CLK phase by the SYNC input. Either edge direction of SYNC
(positive-going or negative-going) is supported.
Example (positive-going SYNC selected): Upon the negative edge of SYNC input, a sequence begins to stop the CLK output. Upon the
positive edge, CLK resumes operation, synchronized to the phase of the SYNC input (plus a deterministic delay). This is performed by
control of the device post-divider. Phase resolution equal to ½ of the VCO period can be achieved (approximately down to 2ns).
5.0 I
2C-bus Control Interface
This device is a read/write slave device meeting all Philips I
2C-bus specifications except a "general call." The bus has to be
controlled by a master device that generates the serial clock SCL, controls bus access and generates the START and STOP
conditions while the device works as a slave. Both master and slave can operate as a transmitter or receiver, but the master
device determines which mode is activated. A device that sends data onto the bus is defined as the transmitter, and a device receiving
data as the receiver.
I
2C-bus logic levels noted herein are based on a percentage of the power supply (VDD). A logic-one corresponds to a nominal voltage of
VDD, while a logic-zero corresponds to ground (VSS).
5.1 Bus Conditions
Data transfer on the bus can only be initiated when the bus is not busy. During the data transfer, the data line (SDA) must remain stable
whenever the clock line (SCL) is high. Changes in the data line while the clock line is high will be interpreted by the device as a START
or STOP condition. The following bus conditions are defined by the I
2C-bus protocol.
5.1.1. Not Busy
Both the data (SDA) and clock (SCL) lines remain high to indicate the bus is not busy.
5.1.2. START Data Transfer
A high to low transition of the SDA line while the SCL input is high indicates a START condition. All commands to the device must be
preceded by a START condition.
Rev. 5 | Page 6 of 19 | www.onsemi.com


Similar Part No. - FS7140-01G-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-01G-XTP ONSEMI-FS7140-01G-XTP Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results

Similar Description - FS7140-01G-XTP

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com