Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9555HV6I-G Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT9555HV6I-G
Description  16-bit I짼C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555HV6I-G Datasheet(HTML) 2 Page - ON Semiconductor

  CAT9555HV6I-G Datasheet HTML 1Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 2Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 3Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 4Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 5Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 6Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 7Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 8Page - ON Semiconductor CAT9555HV6I-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT9555
Doc. No. MD-9003 Rev. I
2
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
PIN CONFIGURATION
SOIC (W), TSSOP (Y)
TQFN 4 x 4mm (HV6)
(Top View)
124
INT
VCC
223
A1
SDA
322
A2
SCL
421
I/O0.0
A0
520
I/O0.1
I/O1.7
619
I/O0.2
I/O1.6
718
I/O0.3
I/O1.5
817
I/O0.4
I/O1.4
916
I/O0.5
I/O1.3
10
15
I/O0.6
I/O1.2
11
14
I/O0.7
I/O1.1
12
13
Vss
I/O1.0
I/O0.0
A0
I/O0.1
I/O1.7
I/O0.2
I/O1.6
I/O0.3
I/O0.4
I/O0.5
I/O1.5
I/O1.4
I/O1.3
1
2
3
4
5
6
21
22
23
19
20
24
10
9
812
11
7
18
16
15
17
14
13
PIN DESCRIPTION
SOIC / TSSOP
TQFN
Pin Name
Function
1
22
INT
¯¯¯
Interrupt Output (open drain)
2
23
A1
Address Input 1
3
24
A2
Address Input 2
4-11
1-8
I/O0.0 - I/O0.7
I/O Port 0.0 to I/O Port 0.7
12
9
VSS
Ground
13-20
10-17
I/O1.0 - I/O1.7
I/O Port 1.0 to I/O Port 1.7
21
18
A0
Address Input 0
22
19
SCL
Serial Clock
23
20
SDA
Serial Data
24
21
VCC
Power Supply


Similar Part No. - CAT9555HV6I-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555HV6I-G CATALYST-CAT9555HV6I-G Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555HV6I-G ONSEMI-CAT9555HV6I-G Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555HV6I-G ONSEMI-CAT9555HV6I-G Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
Catalyst Semiconductor
CAT9555HV6I-GT2 CATALYST-CAT9555HV6I-GT2 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555HV6I-GT2 ONSEMI-CAT9555HV6I-GT2 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
More results

Similar Description - CAT9555HV6I-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com