Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9554HV4I-GT2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT9554HV4I-GT2
Description  8-bit I짼C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9554HV4I-GT2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT9554HV4I-GT2 Datasheet HTML 2Page - ON Semiconductor CAT9554HV4I-GT2 Datasheet HTML 3Page - ON Semiconductor CAT9554HV4I-GT2 Datasheet HTML 4Page - ON Semiconductor CAT9554HV4I-GT2 Datasheet HTML 5Page - ON Semiconductor CAT9554HV4I-GT2 Datasheet HTML 6Page - ON Semiconductor CAT9554HV4I-GT2 Datasheet HTML 7Page - ON Semiconductor CAT9554HV4I-GT2 Datasheet HTML 8Page - ON Semiconductor CAT9554HV4I-GT2 Datasheet HTML 9Page - ON Semiconductor CAT9554HV4I-GT2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT9554, CAT9554A
Doc. No. MD-9002 Rev. F
6
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
PIN DESCRIPTION
SCL: Serial Clock
The serial clock input clocks all data transferred into
or out of the device. The SCL line requires a pull-up
resistor if it is driven by an open drain output.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed
with other open drain or open collector outputs. A pull-
up resistor must be connected from SDA line to VCC.
The value of the pull-up resistor, RP, can be calculated
based on minimum and maximum values from Figure
2 and Figure 3 (see Note).
A0, A1, A2: Device Address Inputs
These inputs are used for extended addressing
capability. The A0, A1, A2 pins should be hardwired to
VCC
or
VSS.
When
hardwired,
up
to
eight
CAT9554/9554As may be addressed on a single bus
system. The levels on these inputs are compared with
corresponding bits, A2, A1, A0, from the slave
address byte.
I/O0 to I/O7: Input / Output Ports
Any of these pins may be configured as input or
output. The simplified schematic of I/O0 to I/O7 is
shown in Figure 4. When an I/O is configured as an
input, the Q1 and Q2 output transistors are off
creating a high impedance input with a weak pull-up
resistor (typical 100k
Ω). If the I/O pin is configured as
an output, the push-pull output stage is enabled. Care
should be taken if an external voltage is applied to an
I/O pin configured as an output due to the low
impedance paths that exist between the pin and either
VCC or VSS.
Figure 2. Minimum RP Value versus
Supply Voltage
Figure 3. Maximum RP Value versus
Bus Capacitance
Note: According to the Fast Mode I²C bus specification, for bus capacitance up to 200pF, the pull up device can
be a resistor. For bus loads between 200pF and 400pF, the pull-up device can be a current source (Imax = 3mA)
or a switched resistor circuit.
IOL = 3mA @ VOLmax
VCC (V)
2
2.5
1.5
1
0.5
0
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2 5.6
Fast Mode I²C Bus / tr max - 300ns
8.00
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
50
100
150
200
250
300
350
400
CBUS (pF)


Similar Part No. - CAT9554HV4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9554HV4I-GT2 ONSEMI-CAT9554HV4I-GT2 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9554HV4I-GT2 ONSEMI-CAT9554HV4I-GT2 Datasheet
157Kb / 14P
   8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
More results

Similar Description - CAT9554HV4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com