Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9555WI Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT9555WI
Description  16-bit I짼C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9555WI Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT9555WI Datasheet HTML 2Page - ON Semiconductor CAT9555WI Datasheet HTML 3Page - ON Semiconductor CAT9555WI Datasheet HTML 4Page - ON Semiconductor CAT9555WI Datasheet HTML 5Page - ON Semiconductor CAT9555WI Datasheet HTML 6Page - ON Semiconductor CAT9555WI Datasheet HTML 7Page - ON Semiconductor CAT9555WI Datasheet HTML 8Page - ON Semiconductor CAT9555WI Datasheet HTML 9Page - ON Semiconductor CAT9555WI Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CAT9555
Doc. No. MD-9003 Rev. I
6
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
A.C. TEST CONDITIONS
Input Rise and Fall time
≤ 10ns
CMOS Input Voltages
0.2VCC to 0.8VCC
CMOS Input Reference Voltages
0.3VCC to 0.7VCC
Output Reference Voltages
0.5VCC
Output Load: SDA, INT
¯¯¯
Current Source IOL = 3mA; CL = 100pF
Output Load: I/Os
Current Source: IOL/IOH = 10mA; CL = 50pF
Figure 1. I²C Serial Interface Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH


Similar Part No. - CAT9555WI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555WI CATALYST-CAT9555WI Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555WI ONSEMI-CAT9555WI Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
Catalyst Semiconductor
CAT9555WI-T1 CATALYST-CAT9555WI-T1 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
CAT9555WI-T1 CATALYST-CAT9555WI-T1 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
More results

Similar Description - CAT9555WI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555 Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
CAT9534WI-G ONSEMI-CAT9534WI-G Datasheet
244Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. C
CAT9554 ONSEMI-CAT9554 Datasheet
209Kb / 16P
   8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com