Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9552YI-T2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT9552YI-T2
Description  16-Channel I2C-bus LED Driver with Programmable Blink Rate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT9552YI-T2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT9552YI-T2 Datasheet HTML 1Page - ON Semiconductor CAT9552YI-T2 Datasheet HTML 2Page - ON Semiconductor CAT9552YI-T2 Datasheet HTML 3Page - ON Semiconductor CAT9552YI-T2 Datasheet HTML 4Page - ON Semiconductor CAT9552YI-T2 Datasheet HTML 5Page - ON Semiconductor CAT9552YI-T2 Datasheet HTML 6Page - ON Semiconductor CAT9552YI-T2 Datasheet HTML 7Page - ON Semiconductor CAT9552YI-T2 Datasheet HTML 8Page - ON Semiconductor CAT9552YI-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CAT9552
© 2008 SCILLC. All rights reserved
5
Doc. No. MD-9005 Rev B
Characteristics subject to change without notice
A.C. CHARACTERISTICS
VCC = 2.3V to 5.5V, TA = -40ºC to +85ºC, unless otherwise specified
(1)
Standard I
2C
Fast I
2C
Symbol
Parameter
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
µs
tLOW
Low Period of SCL Clock
4.7
1.3
µs
tHIGH
High Period of SCL Clock
4
0.6
µs
tSU:STA
START Condition Setup Time
4.7
0.6
µs
tHD:DAT
Data In Hold Time
0
0
µs
tSU:DAT
Data In Setup Time
250
100
ns
tR
(2)
SDA and SCL Rise Time
1000
300
ns
tF
(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
µs
tBUF
(2)
Bus Free Time Between STOP and START
4.7
1.3
µs
tAA
SCL Low to Data Out Valid
3.5
0.9
µs
tDH
Data Out Hold Time
100
50
ns
Ti
(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
Symbol
Parameter
Min
Max
Units
Port Timing
tPV
Output Data Valid
200
ns
tPS
Input Data Setup Time
100
ns
tPH
Input Data Hold Time
1
µs
Reset
tW
(2)
Reset Pulse Width
10
ns
tREC
Reset Recovery Time
0
ns
tRESET
(3)
Time to Reset
400
ns
Notes:
(1) Test conditions according to "AC Test Conditions" table.
(2) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(3) The full delay to reset the part will be the sum of tRESET and the RC time constant of the SDA line.


Similar Part No. - CAT9552YI-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552YI-T2 ONSEMI-CAT9552YI-T2 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
More results

Similar Description - CAT9552YI-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552 ONSEMI-CAT9552 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
logo
NXP Semiconductors
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
   16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
   4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
   2-bit I2C LED driver with programmable blink rates
2003 May 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com