Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5419YI-25 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5419YI-25
Description  Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5419YI-25 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5419YI-25 Datasheet HTML 1Page - ON Semiconductor CAT5419YI-25 Datasheet HTML 2Page - ON Semiconductor CAT5419YI-25 Datasheet HTML 3Page - ON Semiconductor CAT5419YI-25 Datasheet HTML 4Page - ON Semiconductor CAT5419YI-25 Datasheet HTML 5Page - ON Semiconductor CAT5419YI-25 Datasheet HTML 6Page - ON Semiconductor CAT5419YI-25 Datasheet HTML 7Page - ON Semiconductor CAT5419YI-25 Datasheet HTML 8Page - ON Semiconductor CAT5419YI-25 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT5419
Doc. No. MD-2115 Rev. I
2
2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTIONS
SCL: Serial Clock
The CAT5419 serial clock input pin is used to
clock all data transfers into or out of the device.
SDA: Serial Data
The CAT5419 bidirectional serial data pin is used
to transfer data into and out of the device. The
SDA pin is an open drain output and can be wire-
OR'd with the other open drain or open collector
outputs.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A
match in the slave address must be made with the
address input in order to initiate communication
with the CAT5419.
RH, RL: Resistor End Points
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer.
RW: Wiper
The RW pins are equivalent to the wiper terminal of
a mechanical potentiometer.
WP
¯¯¯: Write Protect Input
The WP
¯¯¯ pin when tied low prevents non-volatile
writes to the data registers (change of wiper
control register is allowed) and when tied high or
left floating normal read/write operations are
allowed. See page 7, Write Protection for more
details.
DEVICE OPERATION
The CAT5419 is two resistor arrays integrated with 2wire serial interface logic, four 6-bit wiper control registers
and sixteen 6-bit, non-volatile memory data registers. Each resistor array contains 63 separate resistive elements
connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). RH and RL are symmetrical and may be interchanged. The tap positions between and
at the ends of the series resistors are connected to the output wiper terminals (RW) by a CMOS transistor switch.
Only one tap point for each potentiometer is connected to its wiper terminal at a time and is determined by the
value of the wiper control register. Data can be read or written to the wiper control registers or the non-volatile
memory data registers via the 2-wire bus. Additional instructions allow data to be transferred between the wiper
control registers and each respective potentiometer's non-volatile data registers. Also, the device can be
instructed to operate in an "increment/decrement" mode.
Pin
SOIC
Pin
TSSOP
Name
Function
1
19
VCC
Supply Voltage
2
20
RL0
Low Reference Terminal for
Potentiometer 0
3
21
RH0
High Reference Terminal for
Potentiometer 0
4
22
RW0
Wiper Terminal for
Potentiometer 0
5
23
A2
Device Address
6
24
WP
¯¯¯
Write Protection
7
1
SDA
Serial Data Input/Output
8
2
A1
Device Address
9
3
RL1
Low Reference Terminal for
Potentiometer 1
10
4
RH1
High Reference Terminal for
Potentiometer 1
11
5
RW1
Wiper Terminal for
Potentiometer 1
12
6
GND
Ground
13
7
NC
No Connect
14
8
NC
No Connect
15
9
NC
No Connect
16
10
NC
No Connect
17
11
SCL
Bus Serial Clock
18
12
A3
Device Address
19
13
NC
No Connect
20
14
A0
Device Address, LSB
21
15
NC
No Connect
22
16
NC
No Connect
23
17
NC
No Connect
24
18
NC
No Connect


Similar Part No. - CAT5419YI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5419YI-25 CATALYST-CAT5419YI-25 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419YI-25-T2 ONSEMI-CAT5419YI-25-T2 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5419YI-25-T2 ONSEMI-CAT5419YI-25-T2 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results

Similar Description - CAT5419YI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
logo
Catalyst Semiconductor
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com