Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5261YI-50 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5261YI-50
Description  Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5261YI-50 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5261YI-50 Datasheet HTML 1Page - ON Semiconductor CAT5261YI-50 Datasheet HTML 2Page - ON Semiconductor CAT5261YI-50 Datasheet HTML 3Page - ON Semiconductor CAT5261YI-50 Datasheet HTML 4Page - ON Semiconductor CAT5261YI-50 Datasheet HTML 5Page - ON Semiconductor CAT5261YI-50 Datasheet HTML 6Page - ON Semiconductor CAT5261YI-50 Datasheet HTML 7Page - ON Semiconductor CAT5261YI-50 Datasheet HTML 8Page - ON Semiconductor CAT5261YI-50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT5261
Doc. No. MD-2122 Rev. F
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
PIN DESCRIPTIONS
SI: Serial Input
SI is the serial data input pin. This pin is used
to input all opcodes, byte addresses and data
to be written to the CAT5261. Input data is
latched on the rising edge of the serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is
used to transfer data out of the CAT5261.
During a read cycle, data is shifted out on the
falling edge of the serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to
synchronize the communication between the
microcontroller and the CAT5261. Opcodes,
byte addresses or data present on the SI pin
are latched on the rising edge of the SCK.
Data on the SO pin is updated on the falling
edge of the SCK.
A0, A1: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of four
devices can be addressed on a single bus. A
match in the slave address must be made
with the address input in order to initiate
communication with the CAT5261.
RH, RL: Resistor End Points
The RH and RL pins are equivalent to the
terminal
connections
on
a
mechanical
potentiometer.
RW: Wiper
The RW pins are equivalent to the wiper
terminal of a mechanical potentiometer.
CS
¯¯¯: Chip Select
CS
¯¯¯ is the Chip select pin. CS
¯¯¯ low enables
the CAT5261 and CS
¯¯¯ high disables the
CAT5261. CS
¯¯¯ high takes the SO output pin to high impedance and forces the devices into a Standby mode
(unless an internal write operation is underway). The CAT5261 draws ZERO current in the Standby mode. A high
to low transition on CS
¯¯¯ is required prior to any sequence being initiated. A low to high transition on CS
¯¯¯ after a
valid write sequence is what initiates an internal write cycle.
WP
¯¯¯: Write Protect
WP
¯¯¯ is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. When
WP
¯¯¯ is tied low, all non-volatile write operations to the Data registers are inhibited (change of wiper control register
is allowed). WP
¯¯¯ going low while CS
¯¯¯ is still low will interrupt a write to the registers. If the internal write cycle has
already been initiated, WP
¯¯¯ going low will have no effect on any write operation.
HOLD
¯¯¯¯¯: Hold
The HOLD
¯¯¯¯¯ pin is used to pause transmission to the CAT5261 while in the middle of a serial sequence without
having to retransmit entire sequence at a later time. To pause, HOLD
¯¯¯¯¯ must be brought low while SCK is low. The
SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be
ignored. To resume communication, HOLD
¯¯¯¯¯ is brought high, while SCK is low. (HOLD
¯¯¯¯¯ should be held high any
time this function is not being used.) HOLD
¯¯¯¯¯ may be tied high directly to VCC or tied to VCC through a resistor.
WP
¯¯¯: Write Protect Input
The WP
¯¯¯ pin when tied low prevents non-volatile writes to the device (change of wiper control register is allowed)
and when tied high or left floating normal read/write operations are allowed. See Write Protection on page 6 for
more details.
Pin #
Name
Function
1
SO
Serial Data Output
2
A0
Device Address, LSB
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
NC
No Connect
7
VCC
Supply Voltage
8
RL0
Low Reference Terminal for Potentiometer 0
9
RH0
High Reference Terminal for Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
CS
¯¯¯
Chip Select
12
WP
¯¯¯
Write Protection
13
SI
Serial Input
14
A1
Device Address
15
RL1
Low Reference Terminal for Potentiometer 1
16
RH1
High Reference Terminal for Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCK
Bus Serial Clock
24
HOLD
¯¯¯¯¯
Hold


Similar Part No. - CAT5261YI-50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5261YI-50 CATALYST-CAT5261YI-50 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261YI-50-T2 ONSEMI-CAT5261YI-50-T2 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5261YI-50-T2 ONSEMI-CAT5261YI-50-T2 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
logo
Catalyst Semiconductor
CAT5261YI-50TE13 CATALYST-CAT5261YI-50TE13 Datasheet
95Kb / 15P
   Dual Digitally Programmable Potentiometer
More results

Similar Description - CAT5261YI-50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Catalyst Semiconductor
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com