Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5123TBI-50-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5123TBI-50-GT3
Description  32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5123TBI-50-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5123TBI-50-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5123TBI-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5123TBI-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5123TBI-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5123TBI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5123TBI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5123TBI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5123TBI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5123TBI-50-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
Doc. No. MD-2120 Rev. K
4
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
TYPICAL OPERATING CHARACTERISTICS
TA = 25ºC, unless otherwise noted.
0
0
5
10
15
20
25
WIPER POSTION
TEMPERATURE (ºC)
TEMPERATURE (ºC)
200ns/div
TAP POSITION
30
-50
0
50
100
-50
1 3 5 7 9 1113151719212325272931
50
150
100
0-1.5
0.45
0.40
0.35
0.30
0.25
0.20
2V/div
WIPER
OUTPUT
100mv/div
U/D
0.15
0.10
0.05
0.00
1.5
-0.5
-1.0
1.0
0.5
0.0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
CAT5123/5124/5125
VDD = 5.5V
100k
50k
10k
VDD = 2.7V
CAT5123/5124/5125
VDD = 2.7V
CAT5110/5118/5119
CAT5110/5118/5119
WIPER RESISTANCE vs.
WIPER POSITION
CHANGE IN END-TO-END RESISTANCE
vs. TEMPERATURE
SUPPLY CURRENT vs.
TEMPERATURE
TAP-TO-TAP
SWITCHING TRANSIENT
W-TO-L RESISTANCE vs.
TAP POSITION


Similar Part No. - CAT5123TBI-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5123TBI-50-GT3 CATALYST-CAT5123TBI-50-GT3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123TBI-50-GT3 CATALYST-CAT5123TBI-50-GT3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123TBI-50-GT3 CATALYST-CAT5123TBI-50-GT3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5123TBI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com