Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIB1415-0.3P Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EIB1415-0.3P
Description  14.0-14.5 GHz 0.3-Watt Internally Matched Power FET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIB1415-0.3P Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EIB1415-0.3P Datasheet HTML 1Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EIB1415-0.3P
UPDATED 8/31/2006
14.0-14.5 GHz 0.3-Watt Internally Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 1
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised August 2006
0.433 0.362
0.256
0.070
MIN
0.080
MIN
0.250
0.100
0.025
0.051
0.004
0.200
GATE
DRAIN
0.020
0.080
ALL DIMENSIONS IN INCHES
FEATURES
14.0– 14.5GHz Bandwidth
Input/Output Impedance Matched to 50 Ohms
+26.0 dBm Output Power at 1dB Compression
8.0 dB Power Gain at 1dB Compression
32% Power Added Efficiency
Non - Hermetic Metal Flange Package
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device.
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
P1dB
Output Power at 1dB Compression
f = 14.0-14.5GHz
VDS = 8 V, IDSQ ≈ 120mA
24.0
26.0
dBm
G1dB
Gain at 1dB Compression
f = 14.0-14.5GHz
VDS = 8 V, IDSQ ≈ 120mA
7.0
8.0
dB
∆G
Gain Flatness
f = 14.0-14.5GHz
VDS = 8 V, IDSQ ≈ 120mA
±0.6
dB
PAE
Power Added Efficiency at 1dB Compression
VDS = 8 V, IDSQ ≈ 120mA
f = 14.0-14.5GHz
32
%
Id1dB
Drain Current at 1dB Compression
f = 14.0-14.5GHz
130
150
mA
IM3
Output 3rd Order Intermodulation Distortion
∆f=10MHz 2-Tone Test. Pout=14.0 dBm S.C.L
Vds = 8 V, IDSQ ≈ 65% IDSS
f = 14.5GHz
-43
-46
dBc
IDSS
Saturated Drain Current
VDS = 3 V, VGS = 0 V
210
300
mA
VP
Pinch-off Voltage
VDS = 3 V, IDS = 2.0 mA
-2.0
-3.5
V
RTH
Thermal Resistance
3
55
60
oC/W
Note: 1) Tested with 200 Ohm gate resistor.
2) S.C.L. = Single Carrier Level.
3) Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING
1,2
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12
8V
Vgs
Gate-Source Voltage
-5
-4V
Igsf
Forward Gate Current
3.6mA
1.2mA
Igsr
Reverse Gate Current
-0.6mA
-0.2mA
Pin
Input Power
24.0dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
175
oC
Tstg
Storage Temperature
-65 to +175
oC
-65 to +175
oC
Pt
Total Power Dissipation
2.5W
2.5W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics
EIB1415-0.3P
YYWW
SN


Similar Part No. - EIB1415-0.3P

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIB1415-2P EXCELICS-EIB1415-2P Datasheet
90Kb / 1P
   14.40-15.35GHz 2W Internally Matched Power FET
EIB1415-4P EXCELICS-EIB1415-4P Datasheet
90Kb / 1P
   14.40-15.35GHz 4W Internally Matched Power FET
More results

Similar Description - EIB1415-0.3P

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC1414-12 EXCELICS-EIC1414-12 Datasheet
86Kb / 1P
   14.0-14.5 GHz 12-Watt Internally Matched Power FET
EIC1414-8 EXCELICS-EIC1414-8 Datasheet
85Kb / 1P
   14.0-14.5 GHz 8-Watt Internally Matched Power FET
EID1416-12 EXCELICS-EID1416-12 Datasheet
86Kb / 1P
   14.0-16.0 GHz 12-Watt Internally Matched Power FET
EIC1314-8 EXCELICS-EIC1314-8 Datasheet
216Kb / 4P
   13.75-14.5 GHz 8-Watt Internally Matched Power FET
EID1416A1-8 EXCELICS-EID1416A1-8 Datasheet
117Kb / 2P
   14.0-16.0GHz 8-Watt Internally-Matched Power FET
EIB1414-4P EXCELICS-EIB1414-4P Datasheet
47Kb / 1P
   14.0-14.5GHz, 4W Internally Matched Power FET
EIA1415A-4P EXCELICS-EIA1415A-4P Datasheet
46Kb / 1P
   14.0-15.35GHz, 4W Internally Matched Power FET
EIA1414-8P EXCELICS-EIA1414-8P Datasheet
46Kb / 1P
   14.0-14.5GHz, 8W Internally Matched Power FET
EIA1415A-2P EXCELICS-EIA1415A-2P Datasheet
46Kb / 1P
   14.0-15.35GHz, 2W Internally Matched Power FET
EIA1415A-8P EXCELICS-EIA1415A-8P Datasheet
46Kb / 1P
   14.0-15.35GHz, 8W Internally Matched Power FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com