Electronic Components Datasheet Search |
|
SN54LVTH540 Datasheet(PDF) 4 Page - Texas Instruments |
|
SN54LVTH540 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 7 page SN54LVTH540, SN74LVTH540 3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS681E – MARCH 1997 – REVISED APRIL 1999 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54LVTH540 SN74LVTH540 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 2.7 V, II = –18 mA –1.2 –1.2 V VCC = 2.7 V to 3.6 V, IOH = –100 µA VCC–0.2 VCC–0.2 VOH VCC = 2.7 V, IOH = –8 mA 2.4 2.4 V VOH VCC =3V IOH = –24 mA 2 V VCC = 3 V IOH = –32 mA 2 VCC =2 7V IOL = 100 µA 0.2 0.2 VCC = 2.7 V IOL = 24 mA 0.5 0.5 VOL IOL = 16 mA 0.4 0.4 V VOL VCC =3V IOL = 32 mA 0.5 0.5 V VCC = 3 V IOL = 48 mA 0.55 IOL = 64 mA 0.55 VCC = 0 or 3.6 V, VI = 5.5 V 10 10 II Control inputs VCC = 3.6 V, VI = VCC or GND ±1 ±1 µA II Data inp ts VCC =3 6V VI = VCC 1 1 µA Data inputs VCC = 3.6 V VI = 0 –5 –5 Ioff VCC = 0, VI or VO = 0 to 4.5 V ±100 µA VCC =3V VI = 0.8 V 75 75 II(hold) Data inputs VCC = 3 V VI = 2 V –75 –75 µA () VCC = 3.6 V‡, VI = 0 to 3.6 V ±500 IOZH VCC = 3.6 V, VO = 3 V 5 5 µA IOZL VCC = 3.6 V, VO = 0.5 V –5 –5 µA IOZPU VCC = 0 to 1.5 V, VO = 0.5 V to 3 V, OE = don’t care ±100∗ ±100 µA IOZPD VCC = 1.5 V to 0, VO = 0.5 V to 3 V, OE = don’t care ±100∗ ±100 µA VCC = 3.6 V, Outputs high 0.19 0.19 ICC VCC = 3.6 V, IO = 0, Outputs low 5 5 mA VI = VCC or GND Outputs disabled 0.19 0.19 ∆ICC§ VCC = 3 V to 3.6 V, One input at VCC – 0.6 V, Other inputs at VCC or GND 0.2 0.2 mA Ci VI = 3 V or 0 3 3 pF Co VO = 3 V or 0 7 7 pF ∗ On products compliant to MIL-PRF-38535, this parameter is not production tested. † All typical values are at VCC = 3.3 V, TA = 25°C. ‡ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another. § This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - SN54LVTH540 |
|
Similar Description - SN54LVTH540 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |