Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5127ZD7I-50-GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5127ZD7I-50-GT3
Description  32-Tap Digitally Programmable Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5127ZD7I-50-GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5127ZD7I-50-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5127ZD7I-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5127ZD7I-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5127ZD7I-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5127ZD7I-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5127ZD7I-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5127ZD7I-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5127ZD7I-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5127ZD7I-50-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT5127, CAT5129
© 2008 SCILLC. All rights reserved.
5
Doc. No. MD-2127 Rev. D
Characteristics subject to change without notice
DC ELECTRICAL CHARACTERISTICS
VCC = +2.5V to +5.5V unless otherwise specified
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
5.5
V
VCC = 5.5V, f = 1MHz, IW = 0
260
µA
CAT5127
Supply Current (Increment)
VCC = 3.3V, f = 1MHz, IW = 0
150
µA
VCC = 5.5V, f = 1MHz, IW = 0
160
µA
ICC1
CAT5129
Supply Current (Increment)
VCC = 3.3V, f = 1MHz, IW = 0
50
µA
Programming, VCC = 5.5V
300
600
µA
ICC2
Supply Current (Write)
Programming, VCC = 3.3V
150
400
µA
ISB1
(1)
Supply Current (Standby)
CS
¯¯ = VCC - 0.3V
U/D
¯, INC
¯¯¯ = VCC or GND
0.35
1
µA
Logic Inputs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
U/D
¯, INC
¯¯¯ = VCC
1
µA
CAT5127 Input Leakage Current
CS
¯¯ = VCC-0.3V
1
µA
IIH
CAT5129 Input Leakage Current
VIN = VCC
1
µA
U/D
¯, INC
¯¯¯ = 0
-1
µA
CAT5127 Input Leakage Current
CS
¯¯ = 0
-120
µA
IIL
CAT5129 Input Leakage Current
VIN = 0V
-1
µA
VIH2
CMOS High Level Input Voltage
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
2.5V
≤ V
CC ≤ 5.5V
-0.3
VCC x 0.2
V
VIH1
CAT5129 TTL High Level Input
Voltage
2
VCC
V
VIL1
CAT5129 TTL Low Level Input
Voltage
3.6V
≤ V
CC ≤ 5.5V
0
0.8
V


Similar Part No. - CAT5127ZD7I-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127ZD7I-50-GT3 CATALYST-CAT5127ZD7I-50-GT3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5127ZD7I-50-GT3 CATALYST-CAT5127ZD7I-50-GT3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127ZD7I-50-GT3 CATALYST-CAT5127ZD7I-50-GT3 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results

Similar Description - CAT5127ZD7I-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com