Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5126ZI-10-GT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT5126ZI-10-GT3
Description  One-Time Digitally Programmable 32-Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126ZI-10-GT3 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5126ZI-10-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 10Page - ON Semiconductor CAT5126ZI-10-GT3 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT5126
© 2008 SCILLC. All rights reserved.
9
Doc. No. MD-2129 Rev. C
Characteristics subject to change without notice
TDFN 8-Pad 2mm x 3mm (VP2)
(1)(2)
Notes:
(1)
All dimensions are in millimeters. Angles in degrees.
(2)
Complies with JEDEC Specification MO-229.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
PIN#1
IDENTIFICATION
E2
E
A3
eb
D
A2
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN#1 INDEX AREA
FRONT VIEW
A1
A
L
D2
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.45
0.55
0.65
A3
0.20 REF
b
0.20
0.25
0.30
D
1.90
2.00
2.10
D2
1.30
1.40
1.50
E
2.90
3.00
3.10
E2
1.20
1.30
1.40
e
050 TYP
L
0.20
0.30
0.40


Similar Part No. - CAT5126ZI-10-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126ZI-10-GT3 CATALYST-CAT5126ZI-10-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126ZI-10-GT3 CATALYST-CAT5126ZI-10-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126ZI-10-GT3 ONSEMI-CAT5126ZI-10-GT3 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
CAT5126ZI-10-GT3 ONSEMI-CAT5126ZI-10-GT3 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
More results

Similar Description - CAT5126ZI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5126 ONSEMI-CAT5126 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
CAT5126 CATALYST-CAT5126 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com