Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5114YI-10-G Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5114YI-10-G
Description  32-Tap Digitally Programmable Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5114YI-10-G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5114YI-10-G Datasheet HTML 6Page - ON Semiconductor CAT5114YI-10-G Datasheet HTML 7Page - ON Semiconductor CAT5114YI-10-G Datasheet HTML 8Page - ON Semiconductor CAT5114YI-10-G Datasheet HTML 9Page - ON Semiconductor CAT5114YI-10-G Datasheet HTML 10Page - ON Semiconductor CAT5114YI-10-G Datasheet HTML 11Page - ON Semiconductor CAT5114YI-10-G Datasheet HTML 12Page - ON Semiconductor CAT5114YI-10-G Datasheet HTML 13Page - ON Semiconductor CAT5114YI-10-G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT5114
Doc. No. MD-2007 Rev. R
10
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
TSSOP 8-Lead 4.4mm (Y)
(1)(2)
Notes
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MO-153.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
A2
E1
E
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
θ1
L1
L
SYMBOL
MIN
NOM
MAX
A1.20
A1
0.05
0.15
A2
0.80
0.90
1.05
b
0.19
0.30
c
0.09
0.20
D
2.90
3.00
3.10
E
6.30
6.40
6.50
E1
4.30
4.40
4.50
e
0.65 BSC
L
1.00 REF
L1
0.50
0.60
0.75
θ10°


Similar Part No. - CAT5114YI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114YI-10-G CATALYST-CAT5114YI-10-G Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114YI-10-GT3 ONSEMI-CAT5114YI-10-GT3 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5114YI-10-GT3 ONSEMI-CAT5114YI-10-GT3 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results

Similar Description - CAT5114YI-10-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com