Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5114VI-50-G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5114VI-50-G
Description  32-Tap Digitally Programmable Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5114VI-50-G Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5114VI-50-G Datasheet HTML 1Page - ON Semiconductor CAT5114VI-50-G Datasheet HTML 2Page - ON Semiconductor CAT5114VI-50-G Datasheet HTML 3Page - ON Semiconductor CAT5114VI-50-G Datasheet HTML 4Page - ON Semiconductor CAT5114VI-50-G Datasheet HTML 5Page - ON Semiconductor CAT5114VI-50-G Datasheet HTML 6Page - ON Semiconductor CAT5114VI-50-G Datasheet HTML 7Page - ON Semiconductor CAT5114VI-50-G Datasheet HTML 8Page - ON Semiconductor CAT5114VI-50-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CAT5114
© 2008 SCILLC. All rights reserved.
1
Doc. No. MD-2007 Rev. R
Characteristics subject to change without notice
32-Tap Digitally Programmable Potentiometer (DPP™)
FEATURES
32-position linear taper potentiometer
Non-volatile EEPROM wiper storage
Low standby current
Single supply operation: 2.5V – 6V
Increment up/down serial interface
Resistance values: 10kΩ, 50kΩ and 100kΩ
Available in PDIP, SOIC, TSSOP, MSOP and
space saving 2 x 2.5mm TDFN packages
APPLICATIONS
Automated product calibration
Remote control adjustments
Offset, gain and zero control
Tamper-proof calibrations
Contrast, brightness and volume controls
Motor controls and feedback systems
Programmable analog functions
For Ordering Information details, see page 14.
DESCRIPTION
The CAT5114 is a single digitally programmable
potentiometer (DPP™) designed as a electronic
replacement for mechanical potentiometers and trim
pots. Ideal for automated adjustments on high volume
production lines, they are also well suited for
applications where equipment requiring periodic
adjustment is either difficult to access or located in a
hazardous or remote environment.
The CAT5114 contains a 32-tap series resistor array
connected between two terminals RH and RL. An up/
down counter and decoder that are controlled by three
input pins, determines which tap is connected to the
wiper, RW. The wiper setting, stored in nonvolatile
memory, is not lost when the device is powered down
and is automatically reinstated when power is
returned. The wiper can be adjusted to test new
system values without affecting the stored setting.
Wiper-control of the CAT5114 is accomplished with
three input control pins, CS
¯¯ , U/D
¯, and INC
¯¯¯. The INC
¯¯¯
input increments the wiper in the direction which is
determined by the logic state of the U/D
¯ input. The CS
¯¯
input is used to select the device and also store the
wiper position prior to power down.
The digitally programmable potentiometer can be
used as a three-terminal resistive divider or as a two-
terminal variable resistor. DPPs bring variability and
programmability to a wide variety of applications
including control, parameter adjustments, and signal
processing.
FUNCTIONAL DIAGRAM
RH/VH
RL/VL
Control
and
Memory
Power On Recall
VCC
GND
U/D
INC
CS
RH/VH
RL/VL
RW/VW
RW/VW
Electronic Potentiometer
Implementation
Detailed
General
32-POSITION
DECODER
31
30
29
28
2
1
0
TRANSFER
GATES
RESISTOR
ARRAY
5-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
5-BIT
UP/DOWN
COUNTER
VCC
GND
RH/VH
RW/VW
RL/VL
U/D
INC
CS


Similar Part No. - CAT5114VI-50-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114VI-50-G CATALYST-CAT5114VI-50-G Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114VI-50-GT3 ONSEMI-CAT5114VI-50-GT3 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5114VI-50-GT3 ONSEMI-CAT5114VI-50-GT3 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results

Similar Description - CAT5114VI-50-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com