Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM2225-37RY3 Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM2225-37RY3
Description  2200-2500 MHz 5 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2225-37RY3 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM2225-37RY3 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2225-37RY3 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2225-37RY3
2200-2500 MHz
5 Watt Linear Power Amplifier
Parameter
Specification
Frequency Range
2200 - 2500 MHz
Pout (P1dB)
+ 37 dBm
Linear Gain
11-20 dB ±1dB
OIP3
52 dBm
Gain Flatness over
Full Band
± .5 dB
Input/Output Return
Loss
-10/-10
DC Supply
+ 12 Volts @1.7 Amps
RF Connectors
MMCX
Operating
Temperature
0ºC to 85ºC (Base plate)
Operating Humidity
95% Non-condensing
Mechanical
Dimensions
4.7x1.9x.5 inches
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM2225-37RY3 is a GaAs FET
amplifier designed for various military and
commercial applications.
Features:
• Single DC Supply of +12V
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
• RF Bypass Mode when off
Options
• TTL on/off


Similar Part No. - SM2225-37RY3

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2225NSQG SINOPWER-SM2225NSQG Datasheet
289Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM2225NSQGC-TRG SINOPWER-SM2225NSQGC-TRG Datasheet
289Kb / 12P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM2225-37RY3

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2325-37HS STEALTH_MICROWAVE-SM2325-37HS Datasheet
97Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM1025-37MQ2 STEALTH_MICROWAVE-SM1025-37MQ2 Datasheet
96Kb / 4P
   1000-2500 MHz 5 Watt Linear Power Amplifier
SM2022-37RY4 STEALTH_MICROWAVE-SM2022-37RY4 Datasheet
89Kb / 2P
   2000-2200 MHz 5 Watt Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com