Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5112YI-50-G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5112YI-50-G
Description  32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5112YI-50-G Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5112YI-50-G Datasheet HTML 1Page - ON Semiconductor CAT5112YI-50-G Datasheet HTML 2Page - ON Semiconductor CAT5112YI-50-G Datasheet HTML 3Page - ON Semiconductor CAT5112YI-50-G Datasheet HTML 4Page - ON Semiconductor CAT5112YI-50-G Datasheet HTML 5Page - ON Semiconductor CAT5112YI-50-G Datasheet HTML 6Page - ON Semiconductor CAT5112YI-50-G Datasheet HTML 7Page - ON Semiconductor CAT5112YI-50-G Datasheet HTML 8Page - ON Semiconductor CAT5112YI-50-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT5112
© 2008 SCILLC. All rights reserved.
3
Doc. No. MD-2002 Rev. N
Characteristics subject to change without notice
OPERATION MODES
INC
¯¯¯
CS
¯¯
U/D
¯
Operation
High to Low
Low
High
Wiper toward RH
High to Low
Low
Low
Wiper toward RL
High
Low to High
X
Store Wiper Position
Low
Low to High
X
No Store, Return to Standby
X
High
X
Standby
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Supply Voltage
VCC to GND
-0.5 to +7V
V
Inputs
CS
¯¯ to GND
-0.5 to VCC +0.5
V
INC
¯¯¯ to GND
-0.5 to VCC +0.5
V
U/D
¯ to GND
-0.5 to VCC +0.5
V
RH to GND
-0.5 to VCC +0.5
V
RL to GND
-0.5 to VCC +0.5
V
RWB to GND
-0.5 to VCC +0.5
V
Parameters
Ratings
Units
Operating Ambient Temperature
Commercial (‘C’ or Blank suffix)
0 to 70
ºC
Industrial (‘I’ suffix)
-40 to +85
ºC
Junction Temperature
+150
ºC
Storage Temperature
-65 to 150
ºC
Lead Soldering (10s max)
+300
ºC
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP
(2)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(2) (3)
Latch-Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL-STD-883, Test Method 1008
100
Years
NEND
Endurance
MIL-STD-883, Test Method 1003
1,000,000
Stores
DC ELECTRICAL CHARACTERISTICS
VCC = +2.5V to +6V unless otherwise specified
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
6
V
VCC = 6V, f = 1MHz, IW = 0
200
µA
ICC1
Supply Current (Increment)
VCC = 6V, f = 250kHz, IW = 0
100
µA
Programming, VCC = 6V
1000
µA
ICC2
Supply Current (Write)
VCC = 3V
500
µA
ISB1
(3)
Supply Current (Standby)
CS
¯¯ = VCC - 0.3V
U/D
¯, INC
¯¯¯ = VCC - 0.3V or GND
75
150
µA
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC + 1V
(4) IW = source or sink
(5) These parameters are periodically sampled and are not 100% tested.
CH
RH
RWI
RWB
Potentiometer
Equivalent Circuit
CW
CL
RL


Similar Part No. - CAT5112YI-50-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112YI-50-G CATALYST-CAT5112YI-50-G Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5112YI-50-GT3 ONSEMI-CAT5112YI-50-GT3 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
CAT5112YI-50-GT3 ONSEMI-CAT5112YI-50-GT3 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
More results

Similar Description - CAT5112YI-50-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111 Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com