Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4238TD-GT3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT4238TD-GT3
Description  High Efficiency 10 LED Boost Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4238TD-GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT4238TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 9Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 10Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 11Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 12Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 13Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT4238
Doc. No. MD-5019 Rev. E
10
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
DIMMING CONTROL
There are several methods available to control the
LED brightness.
PWM signal on the SHDN
¯¯¯¯¯ Pin
LED brightness dimming can be done by applying a
PWM signal to the SHDN
¯¯¯¯¯ input. The LED current is
repetitively turned on and off, so that the average
current is proportional to the duty cycle. A 100% duty
cycle, with SHDN
¯¯¯¯¯ always high, corresponds to the
LEDs at nominal current. Figure 1 shows a 1kHz
signal with a 50% duty cycle applied to the SHDN
¯¯¯¯¯ pin.
The recommended PWM frequency range is from 100Hz
to 2kHz.
Figure 1. Switching Waveform
with 1kHz PWM on SHDN
¯¯¯¯¯
Filtered PWM Signal
A filtered PWM signal used as a variable DC voltage
can control the LED current. Figure 2 shows the PWM
control circuitry connected to the CAT4238 FB pin.
The PWM signal has a voltage swing of 0V to 2.5V.
The LED current can be dimmed within a range from
0mA to 20mA. The PWM signal frequency can vary
from very low frequency up to 100kHz.
Figure 2. Circuit for Filtered PWM Signal
A PWM signal at 0V DC, or a 0% duty cycle, results
in a max LED current of about 22mA. A PWM signal
with a 93% duty cycle or more, results in an LED
current of 0mA.
FILTERED PWM DIMMING [0V to 2.5V]
25
20
15
10
5
0
0
1020
30
4050
60
70
80
90 100
PWM DUTY CYCLE [%]
VFB = 300mV
15Ω
1kΩ
3.1kΩ
3.73kΩ
0V
2.5V
0.22µF
C1
RA
RB
R2
i
R1
VIN
CAT4238
FB
SHDN
SW
GND
PWM
Signal
LED
Current


Similar Part No. - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
More results

Similar Description - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
   High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com