Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH182652A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH182652A
Description  3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH182652A Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVTH182652A Datasheet HTML 1Page - Texas Instruments SN74LVTH182652A Datasheet HTML 2Page - Texas Instruments SN74LVTH182652A Datasheet HTML 3Page - Texas Instruments SN74LVTH182652A Datasheet HTML 4Page - Texas Instruments SN74LVTH182652A Datasheet HTML 5Page - Texas Instruments SN74LVTH182652A Datasheet HTML 6Page - Texas Instruments SN74LVTH182652A Datasheet HTML 7Page - Texas Instruments SN74LVTH182652A Datasheet HTML 8Page - Texas Instruments SN74LVTH182652A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN54LVTH18652A, SN54LVTH182652A, SN74LVTH18652A, SN74LVTH182652A
3.3-V ABT SCAN TEST DEVICES
WITH 18-BIT TRANSCEIVERS AND REGISTERS
SCBS312C – MARCH 1994 – REVISED JUNE 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
In the test mode, the normal operation of the SCOPE bus transceivers and registers is inhibited, and the test
circuitry is enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry
performs boundary-scan test operations according to the protocol described in IEEE Std 1149.1-1990.
Four dedicated test pins are used to observe and control the operation of the test circuitry: test data input (TDI),
test data output (TDO), test mode select (TMS), and test clock (TCK). Additionally, the test circuitry performs
other testing functions such as parallel-signature analysis (PSA) on data inputs and pseudo-random pattern
generation (PRPG) from data outputs. All testing and scan operations are synchronized to the TAP interface.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The B-port outputs of ’LVTH182652A, which are designed to source or sink up to 12 mA, include equivalent 25-
series resistors to reduce overshoot and undershoot.
The SN54LVTH18652A and SN54LVTH182652A are characterized for operation over the full military
temperature range of –55
°C to 125°C. The SN74LVTH18652A and SN74LVTH182652A are characterized for
operation from –40
°C to 85°C.
1B4
1B5
1B6
GND
1B7
1B8
1B9
VCC
NC
2B1
2B2
2B3
2B4
GND
2B5
2B6
2B7
1A3
1A4
1A5
GND
1A6
1A7
1A8
1A9
NC
VCC
2A1
2A2
2A3
GND
2A4
2A5
2A6
SN54LVTH18652A, SN54LVTH182652A . . . HV PACKAGE
(TOP VIEW)
28 29
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
31 32 33 34
87
6
5
4
93
1 68 67
2
35 36 37 38 39
66 65
27
64 63 62 61
40 41 42 43
NC – No internal connection


Similar Part No. - SN74LVTH182652A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH182646A TI-SN74LVTH182646A Datasheet
551Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN74LVTH182646A TI1-SN74LVTH182646A Datasheet
605Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES
SN74LVTH182646APM TI-SN74LVTH182646APM Datasheet
551Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN74LVTH182646APM TI1-SN74LVTH182646APM Datasheet
605Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES
More results

Similar Description - SN74LVTH182652A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH18646A TI-SN54LVTH18646A Datasheet
551Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN74LVTH18646A-EP TI1-SN74LVTH18646A-EP Datasheet
627Kb / 41P
[Old version datasheet]   3.3-V ABT SVAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVTH18512 TI-SN54LVTH18512_07 Datasheet
703Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512 Datasheet
562Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A-EP TI1-SN74LVTH18502A-EP Datasheet
935Kb / 42P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A Datasheet
613Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A_08 Datasheet
784Kb / 40P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVT18512 TI-SN54LVT18512 Datasheet
588Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVT182502 TI1-SN74LVT182502 Datasheet
509Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com