Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1819-52LD Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

Part # SM1819-52LD
Description  1805 - 1880 MHz 160 Watt Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1819-52LD Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM1819-52LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM1819-52LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM1819-52LD Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1819-52LD
1805 - 1880 MHz
160 Watt Power Amplifier
A2
A1
J1 CONNECTOR PINOUT
Pin
Description
Values
RF INPUT
Input Connector ( SMA Female )
+1 dBm (max.)
RF OUTPUT
Output Connector (SMA Female)
+ 52 dBm @ P1dB (typ.)
A1
+VDC
+28V
A2
GND
--
1
TTL On/Off`
+5V = on / 0V = off (if equipped)
2
Reflected power detection
Set to 3.35 V @ 40dBm of CW reflected power
Detector Slope: 60 mV / dB
3
GND
--
4
Temp
Temp in deg C = (Voltage on pin - .500)*100
e.g. .90 V = 40 deg C
5
Forward Power Detection
Set to 4.00 V @ 52 dBm of CW output power into 50
Detector Slope: 60 mV / dB


Similar Part No. - SM1819-52LD

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SM181008-1 DBUNLIMITED-SM181008-1 Datasheet
297Kb / 1P
   Released from Engineering
logo
SUNMATE electronic Co.,...
SM1812A SUNMATE-SM1812A Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A101K SUNMATE-SM1812A101K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A121K SUNMATE-SM1812A121K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
SM1812A151K SUNMATE-SM1812A151K Datasheet
996Kb / 4P
   METAL OXIDE VARISTORS
More results

Similar Description - SM1819-52LD

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
   1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
   1805 ~ 1880 MHz Working Frequency
logo
Tyco Electronics
PHM1880-15 MACOM-PHM1880-15 Datasheet
130Kb / 2P
   Wireless Power Module, 15W 1805-1880 MHz
logo
SIRENZA MICRODEVICES
XD010-22S-D2F SIRENZA-XD010-22S-D2F Datasheet
215Kb / 5P
   1805-1880 MHz Class A/AB 12W Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
logo
Tyco Electronics
PH1819-90 MACOM-PH1819-90 Datasheet
108Kb / 1P
   Wireless Power Transistor 90 Watts, 1805-1880 MHz
logo
M/A-COM Technology Solu...
PH1819-33 MA-COM-PH1819-33 Datasheet
180Kb / 2P
   Wireless Bipolar Power Transistor 33W, 1805-1880 MHz
PH1819-45 MA-COM-PH1819-45 Datasheet
184Kb / 2P
   Wireless Bipolar Power Transistor 45W, 1805-1880 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11091842B305T WALSIN-SF11091842B305T Datasheet
729Kb / 8P
   1805~1880 MHz Band Working Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com