Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5402G Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1N5402G
Description  GLASS PASSIVATED SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N5402G Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N5402G Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N5402G Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 04/12/2008
B
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N5400G THRU 1N5408G
GLASS PASSIVATED SILICON RECTIFIERS
Reverse Voltage - 50 to 1000 V
Forward Current - 3 A
Features
• High current capability
• Glass passivated junction
• Low forward voltage drop
• Low reverse leakage
• The plastic package carries UL flammability
classification 94V-0
Mechanical Data
• Case: Molded plastic, DO-201AD (DO-27)
• Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
• Polarity: color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive
load, derate current by 20%.
Parameter
Symbols 1N5400G 1N5401G 1N5402G 1N5403G 1N5404G 1N5405G 1N5406G 1N5407G 1N5408G Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
500
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
350
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
500
600
800
1000
V
Maximum Average Forward Rectified Current
0.375" (9.5 mm) Lead Length at TA = 75
OC
IF(AV)
3
A
Peak Forward Surge Current, 8.3 ms Single Half-
Sine-Wave Superimposed on Rated Load at Tj =
125
OC
IFSM
200
A
Maximum Forward Voltage at 3 A DC
VF
1.1
V
Maximum Reverse Current
TA = 25
OC
at Rated DC Blocking Voltage
TA = 100
OC
IR
10
100
µA
Typical Junction Capacitance
1)
CJ
35
pF
Typical Thermal Resistance
2)
RθJA
20
OC/W
Operating Junction Temperature Range
Tj
- 55 to + 175
OC
Storage Temperature Range
Tstg
- 55 to + 175
OC
1) Measured at 1 MHz and applied reverse voltage of 4 V DC.
2) Thermal resistance from junction to ambient.
9.2
8.6
5.5
4.9
DO-201AD
Min. 25.4
Min. 25.4
Dimensions in mm
DIA.
1.45
1.15
DIA.


Similar Part No. - 1N5402G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N5402G DACHANG-1N5402G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
logo
Rectron Semiconductor
1N5402G RECTRON-1N5402G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
1N5402G DACO-1N5402G Datasheet
779Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5402G TSC-1N5402G Datasheet
230Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
logo
ON Semiconductor
1N5402G ONSEMI-1N5402G Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
More results

Similar Description - 1N5402G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
JD100005 HY-JD100005_17 Datasheet
133Kb / 3P
   SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
JD10001 HY-JD10001_17 Datasheet
133Kb / 3P
   SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
logo
Central Semiconductor C...
1N4942 CENTRAL-1N4942 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5550 CENTRAL-1N5550 Datasheet
296Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5614 CENTRAL-1N5614 Datasheet
410Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5059 CENTRAL-1N5059_15 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5615 CENTRAL-1N5615 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RL1601 SEMTECH_ELEC-RL1601 Datasheet
260Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
RL201G SEMTECH_ELEC-RL201G Datasheet
240Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Central Semiconductor C...
1N5624 CENTRAL-1N5624 Datasheet
295Kb / 2P
   silicon glass passivated rectifiers
CPR1-010 CENTRAL-CPR1-010 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com