Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST78L12 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST78L12
Description  3-Terminal positive voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST78L12 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST78L12 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST78L12 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 78L12
Electrical Characteristics
(Unless otherwise specified, VIN=19V, IOUT=40mA, CIN=0.33μF, COUT=0.1μF, Tj=25°C)
Symbol
Test Condition
Min.
Typ.
Max.
Uunit
Output Voltage
VOUT
11.5
12
12.5
V
Input Regulation
Reg. line
14.5V
≤V
IN≤27V
-
120
250
mV
16V
≤V
IN≤27V
-
100
200
Load Regulation
Reg. load
1.0mA
≤I
OUT≤100mA
-
20
100
mV
1.0mA
≤I
OUT≤40mA
-
10
50
Output Voltage
VOUT
14.5V
≤V
IN≤27V
11.4
-
12.6
V
1.0mA
≤I
OUT≤40mA
VOUT
VIN=19V
11.4
-
12.6
V
1.0mA
≤I
OUT≤70mA
Quiescent Current
IB
-
3.2
6.5
mA
Quiescent
Current
With line
ΔI
B
16V
≤V
IN≤27V
-
-
1.5
mA
Change
With load
1.0mA
≤I
OUT≤40mA
-
-
0.1
Output Noise Voltage
VNO
Ta=25
°C,
10Hz
≤f≤100KHz
-
80
-
μV
Ripple Rejection
RR
f=120Hz,
15V
≤V
IN≤25V,Tj=25°C
36
41
-
dB
Dropout Voltage
⎢V
IN-VOUT
Tj=25°C
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
IOUT=5mA
-
1
-
mV/
°C


Similar Part No. - ST78L12

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST78L12U SEMTECH_ELEC-ST78L12U Datasheet
190Kb / 2P
   3-Terminal Positive Voltage Regulator
More results

Similar Description - ST78L12

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com