Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3200TDI-T3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT3200TDI-T3
Description  Low Noise Regulated Charge Pump DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200TDI-T3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT3200TDI-T3 Datasheet HTML 1Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 2Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 3Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 4Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 5Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 6Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 7Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 8Page - ON Semiconductor CAT3200TDI-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT3200/3200-5
4
Doc. No. MD-5002, Rev. N
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice.
TYPICAL PERFORMANCE CHARACTERISTICS (CAT3200-5)
Shutdown Input Threshold vs. Supply Voltage
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2.7
3.0
3.3
3.6
3.9
4.2
4.5
INPUT VOLTAGE [V]
Ground Current vs. Supply Voltage (No Load)
1.2
1.4
1.6
1.8
2.0
2.2
2.73.0
3.33.6
3.9
4.2
4.5
INPUT VOLTAGE [V]
Line Regulation
4.8
4.9
5.0
5.1
5.2
2.73.0
3.33.6
3.94.2
4.5
INPUT VOLTAGE [V]
20mA Load
100mA Load
Load Regulation
4.8
4.9
5.0
5.1
5.2
050
100
150
LOAD CURRENT [mA]
VIN = 2.7V
VIN = 3V
VIN = 3.2V
Oscillator Frequency vs. Supply Voltage
1.6
1.8
2.0
2.2
2.4
2.6
2.73.03.33.6
3.94.24.5
INPUT VOLTAGE [V]
Efficiency
vs. Load Current
30
40
50
60
70
80
90
100
1
10
100
LOAD CURRENT [mA]
VIN= 2.7V
VIN= 3.7V
VIN= 4.5V
VIN= 3.2V
T
AMB=25°C, CIN=COUT=CFLY=1µF, VIN=3.3V unless specified otherwise.


Similar Part No. - CAT3200TDI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200TDI-T3 CATALYST-CAT3200TDI-T3 Datasheet
228Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
More results

Similar Description - CAT3200TDI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com