Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT661EVA-T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT661EVA-T3
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT661EVA-T3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT661EVA-T3 Datasheet HTML 1Page - ON Semiconductor CAT661EVA-T3 Datasheet HTML 2Page - ON Semiconductor CAT661EVA-T3 Datasheet HTML 3Page - ON Semiconductor CAT661EVA-T3 Datasheet HTML 4Page - ON Semiconductor CAT661EVA-T3 Datasheet HTML 5Page - ON Semiconductor CAT661EVA-T3 Datasheet HTML 6Page - ON Semiconductor CAT661EVA-T3 Datasheet HTML 7Page - ON Semiconductor CAT661EVA-T3 Datasheet HTML 8Page - ON Semiconductor CAT661EVA-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT661
2
Doc. No. MD-5003, Rev. L
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice.
Oscillator Frequency
25kHz typical, 10kHz minimum
135kHz typical, 80kHz minimum
PIN CONFIGURATION
PIN DESCRIPTIONS
Circuit Configuration
Pin Number
Name
Inverter
Doubler
Boost/FC
Oscillator Frequency
Open
40kHz typical
V+
135kHz typical, 40kHz minimum
2
CAP+
Charge Pump Capacitor. Positive terminal.
Same as inverter.
3
GND
Power Supply Ground.
Power supply. Positive voltage input.
4
CAP-
Charge pump capacitor. Negative terminal.
Same as inverter.
5
OUT
Output for negative voltage.
Power supply ground.
6
LV
LV must be tied to OUT for all input
voltages.
8
V+
Power supply. Positive voltage input.
Positive voltage output.
Freqency Control for the internal oscillator.
With an external oscillator BOOST/FC has
no effect.
Same as inverter.
Low-Voltage selection pin. When the input
voltage is less than 3V, connect LV to GND.
For input voltages above 3V, LV may be
connected to GND or left open. If OSC is
driven externally, connect LV to GND.
Oscillator control input. An external capacitor
can be connected to lower the oscillator
frequency. An external oscillator can drive
OSC and set the chip operating frequency.
The charge-pump frequency is one-half the
frequency at OSC.
Same as inverter. Do not overdrive
OSC in doubling mode. Standard logic
levels will not be suitable. See the
applications section for additional
information.
7
OSC
1
Boost/FC
SOIC 8-Lead (V)
PDIP 8-Lead (L)
8
7
6
5
1
2
3
4
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661
(Top View)
ORDERING INFORMATION
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
Py
t
i
n
a
u
Q
e
g
a
k
c
a
P
g
n
i
k
r
a
M
A
L
E
1
6
6
T
A
Cd
a
e
l
-
8
,
P
I
D
Pe
b
u
t
/
0
5A
L
E
1
6
6
A
V
E
1
6
6
T
A
CC
I
O
Se
b
u
t
/
0
0
1A
V
E
1
6
6
3
T
-
A
V
E
1
6
6
T
A
CC
I
O
Sl
e
e
r
/
0
0
0
,
3A
V
E
1
6
6
Note: All packages are RoHS compliant.


Similar Part No. - CAT661EVA-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT661EVA-T3 CATALYST-CAT661EVA-T3 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661EVA-T3 ONSEMI-CAT661EVA-T3 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
More results

Similar Description - CAT661EVA-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com