Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LVTH16952 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN54LVTH16952
Description  3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVTH16952 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54LVTH16952 Datasheet HTML 5Page - Texas Instruments SN54LVTH16952 Datasheet HTML 6Page - Texas Instruments SN54LVTH16952 Datasheet HTML 7Page - Texas Instruments SN54LVTH16952 Datasheet HTML 8Page - Texas Instruments SN54LVTH16952 Datasheet HTML 9Page - Texas Instruments SN54LVTH16952 Datasheet HTML 10Page - Texas Instruments SN54LVTH16952 Datasheet HTML 11Page - Texas Instruments SN54LVTH16952 Datasheet HTML 12Page - Texas Instruments SN54LVTH16952 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - SN54LVTH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16952 TI-SN54LVTH16952 Datasheet
353Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952_07 Datasheet
353Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH16952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16543 TI-SN54LVTH16543_07 Datasheet
258Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI-SN54LVT16543 Datasheet
145Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI1-SN54LVT16543_15 Datasheet
830Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16543 TI-SN54LVTH16543_06 Datasheet
216Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952_07 Datasheet
353Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16952 TI-SN54LVT16952 Datasheet
194Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16543 TI-SN54LVTH16543 Datasheet
138Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543 Datasheet
335Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com