Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA30-600CW3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # BTA30-600CW3G
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA30-600CW3G Datasheet(HTML) 5 Page - ON Semiconductor

  BTA30-600CW3G Datasheet HTML 1Page - ON Semiconductor BTA30-600CW3G Datasheet HTML 2Page - ON Semiconductor BTA30-600CW3G Datasheet HTML 3Page - ON Semiconductor BTA30-600CW3G Datasheet HTML 4Page - ON Semiconductor BTA30-600CW3G Datasheet HTML 5Page - ON Semiconductor BTA30-600CW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA30−600CW3G, BTA30−800CW3G
http://onsemi.com
5
RG, GATE TO MAIN TERMINAL 1 RESISTANCE (OHMS)
5000
4K
3K
2K
1K
0
10000
1000
100
10
VD = 800 Vpk
TJ = 125°C
LL
1N4007
200 V
+
MEASURE
I
-
CHARGE
CONTROL
CHARGE
TRIGGER
NON‐POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Gate Trigger Current Variation
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. Gate Trigger Voltage Variation
125
95
50
5
−10
−40
0
5
10
15
20
25
−25
20
35
65 80
110
Q3
Q2
Q1
VD = 12 V
RI = 30 W
125
95
50
5
−10
−40
0.1
0.3
0.5
0.9
1.1
1.3
−25
20
35
65 80
110
Q3
Q2
Q1
VD = 12 V
RI = 30 W
0.7
TJ, JUNCTION TEMPERATURE (°C)
125
95
50
5
−10
−40
20
30
40
60
70
80
−25
20
35
65 80
110
Q3
Q2
Q1
VD = 12 V
RI = 30 W
50
Figure 8. Critical Rate of Rise of Off-State Voltage
(Exponential Waveform)
Figure 9. Latching Current Variation
Figure 10. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c


Similar Part No. - BTA30-600CW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
108Kb / 6P
   Silicon Bidirectional Thyristors
October, 2010 ??Rev. 1
BTA30-600CW3G ONSEMI-BTA30-600CW3G_10 Datasheet
108Kb / 6P
   Silicon Bidirectional Thyristors
October, 2010 ??Rev. 1
More results

Similar Description - BTA30-600CW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com