Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2SC2901 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2901
Description  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2901 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2901 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2901 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2901 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2901 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 07/08/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC2901
0.1
0.01
10
1
I C, mA
100
1
0.1
3
25 C
Base and collector saturation
voltage vs. collector current
Ta=75 C
Ta=75 C
-25 C
-25 C
VBE(sat)
VCE(sat)
IC/IB=10
25 C
0.1
0.1
1
VCB, V
VEB, V
10
100
Cob
Input and output capacitance
vs. reverse voltage
f=1MHz
IE=0(Cob)
IC=0(Cib)
10
1
30
Cib
0.1
1
I C, mA
DC current gain vs. collector current
100
10
1000
25 C
-25 C
Ta=75 C
10
100
VCE=1V
80
0
40
200
160
120
0.8
0.4
1.2
25
20
8
140
2
2.0
0
1
1.6
10
8
6
4
0
8
4
4
12
20
16
180
160
20
IB=20 A
60
12
16
40
80
100
120
I B=0.5m A
VCE (V)
VCE (V)
Collector current vs.
collector emitter voltage
Collector current vs.
collector emitter voltage
Total power dissipation vs.
ambient temperature
Ambient temperature Ta ( C)
200
0
50
100
600
800
400
200
150


Similar Part No. - ST2SC2901

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC2001 SEMTECH_ELEC-ST2SC2001 Datasheet
128Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC2002 SEMTECH_ELEC-ST2SC2002 Datasheet
120Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
   High-frequency Amplifier Transistor
ST2SC2120 SEMTECH_ELEC-ST2SC2120 Datasheet
213Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
ST2SC2310 SEMTECH_ELEC-ST2SC2310 Datasheet
240Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC2901

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com