Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA16-800SW3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # BTA16-800SW3G
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA16-800SW3G Datasheet(HTML) 5 Page - ON Semiconductor

  BTA16-800SW3G Datasheet HTML 1Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 2Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 3Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 4Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 5Page - ON Semiconductor BTA16-800SW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA16−600SW3G, BTA16−800SW3G
http://onsemi.com
5
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Typical Gate Trigger Current Variation
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. Typical Gate Trigger Voltage Variation
Figure 8. Typical Latching Current Variation
RG, GATE TO MAIN TERMINAL 1 RESISTANCE (OHMS)
5000
4K
3K
2K
1K
0
10000
1000
100
10
Figure 9. Critical Rate of Rise of Off-State
Voltage (Exponential Waveform)
VD = 800 Vpk
TJ = 110°C
Figure 10. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
-
CHARGE
CONTROL
CHARGE
TRIGGER
NON‐POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.
0
10
20
−40 −25 −10
5
20
3550
6580
95
110
Q3
VD = 12 V
RL = 30 W
0.4
0.6
0.8
1
1.2
1.4
1.6
−40 −25 −10
5
20355065
80
95
110
Q1
Q3
Q2
2
12
4
14
6
16
8
18
Q2
Q1
1.8
2.0
0.2
0
VD = 12 V
RL = 30 W
TJ, JUNCTION TEMPERATURE (°C)
0
25
−40 −25 −10
5
20
3550
6580
95
110
Q3
VD = 12 V
RL = 30 W
5
30
10
35
15
40
20
Q2
Q1


Similar Part No. - BTA16-800SW3G

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-800SW KERSEMI-BTA16-800SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
Inchange Semiconductor ...
BTA16-800SW ISC-BTA16-800SW Datasheet
227Kb / 2P
   isc Triacs
logo
STMicroelectronics
BTA16-800SW STMICROELECTRONICS-BTA16-800SW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
BTA16-800SWRG STMICROELECTRONICS-BTA16-800SWRG Datasheet
99Kb / 9P
   16A TRIACS
BTA16-800SWRG STMICROELECTRONICS-BTA16-800SWRG Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
More results

Similar Description - BTA16-800SW3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com