Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS30624C6245RG Datasheet(PDF) 10 Page - ON Semiconductor

Part # AMIS30624C6245RG
Description  I2C Micro-stepping Motor Driver
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30624C6245RG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AMIS30624C6245RG Datasheet HTML 6Page - ON Semiconductor AMIS30624C6245RG Datasheet HTML 7Page - ON Semiconductor AMIS30624C6245RG Datasheet HTML 8Page - ON Semiconductor AMIS30624C6245RG Datasheet HTML 9Page - ON Semiconductor AMIS30624C6245RG Datasheet HTML 10Page - ON Semiconductor AMIS30624C6245RG Datasheet HTML 11Page - ON Semiconductor AMIS30624C6245RG Datasheet HTML 12Page - ON Semiconductor AMIS30624C6245RG Datasheet HTML 13Page - ON Semiconductor AMIS30624C6245RG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AMIS-30624
11.0 Typical Application
AMIS-30624
V
BAT
2
MOTXP
PC20060925.5
100 nF
MOTXN
MOTYP
MOTYN
11
VDD
VBB
12
VCP
SWI
CPP
CPN
9
8
SDA
SCK
10
HW
18
M
16
15
13
20
3
VBB
19
1
220 nF
1 k
Ω
Connect
to V
BAT
or GND
Connect
to V
BAT
or GND
1 k
Ω
100
μF
R
2
C
5
C
6
C
3
C
4
C
1
C
2
1
μF
GND
7
14
17
TST2
TST1
6
5
4
R
1
I2C
bus
Figure 6: Typical Application Diagram
Notes:
(1)
All resistors are
± 5%, ¼ W.
(2)
Depending on the application, the ESR value and working voltage of C1 must be carefully chosen.
(3)
C2 must be a ceramic capacitor to assure low ESR.
(4)
C3 and C4 must be as close as possible to pins CPN, CPP, VCP, and VBB to reduce EMC radiation.
(5)
C5 and C6 must be close to pins VBB and GND.
12.0 Positioning Parameters
12.1 Stepping Modes
One of four possible stepping modes can be programmed:
• Half stepping
• 1/4 micro-stepping
• 1/8 micro-stepping
• 1/16 micro-stepping
Rev. 4 | Page 10 of 56 | www.onsemi.com


Similar Part No. - AMIS30624C6245RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30624C6245RG ONSEMI-AMIS30624C6245RG Datasheet
596Kb / 52P
   I2C Micro-stepping Motor Driver
September, 2009 ??Rev. 5
AMIS30624C6245RG ONSEMI-AMIS30624C6245RG Datasheet
685Kb / 53P
   I2C Micro-stepping Motor Driver
September, 2009 - Rev. 5
More results

Similar Description - AMIS30624C6245RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30624 ONSEMI-AMIS-30624_13 Datasheet
596Kb / 52P
   I2C Micro-stepping Motor Driver
September, 2009 ??Rev. 5
AMIS-30624 ONSEMI-AMIS-30624_V01 Datasheet
685Kb / 53P
   I2C Micro-stepping Motor Driver
September, 2009 - Rev. 5
AMIS-30622 ONSEMI-AMIS-30622_13 Datasheet
524Kb / 50P
   I2C Micro-Stepping Motor Driver
July, 2013 ??Rev. 5
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com