Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN2112LT3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMUN2112LT3G
Description  Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2112LT3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN2112LT3G Datasheet HTML 1Page - Leshan Radio Company LMUN2112LT3G Datasheet HTML 2Page - Leshan Radio Company LMUN2112LT3G Datasheet HTML 3Page - Leshan Radio Company LMUN2112LT3G Datasheet HTML 4Page - Leshan Radio Company LMUN2112LT3G Datasheet HTML 5Page - Leshan Radio Company LMUN2112LT3G Datasheet HTML 6Page - Leshan Radio Company LMUN2112LT3G Datasheet HTML 7Page - Leshan Radio Company LMUN2112LT3G Datasheet HTML 8Page - Leshan Radio Company LMUN2112LT3G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LMUN2111LT1G Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
DC Current Gain
(V
CE = 10 V, IC = 5.0 mA )
hFE
35
60
80
80
80
160
160
3.0
8.0
15
80
80
60
100
140
140
140
250
250
5.0
15
27
140
130
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LMUN2130LT1G/LMUN2131LT1G
(IC = 10 mA, IB = 1 mA) LMUN2115LT1G/LMUN2116LT1G/
LMUN2132LT1G/LMUN2133LT1G/LMUN2134LT1G
VCE(sat)
-
-
0.25
Vdc
Output Voltage (on)
(V CC = 5.0 V, VB = 2.5 V, RL = 1.0 kΩ)
LMUN2111LT1G
LMUN2112LT1G
LMUN2114LT1G
LMUN2114LT1G
LMUN2115LT1G
LMUN2116LT1G
LMUN2130LT1G
LMUN2131LT1G
LMUN2132LT1G
LMUN2133LT1G
LMUN2134LT1G
(V CC = 5.0 V, VB = 3.5 V, RL = 1.0 kΩ )
LMUN2113LT1G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ )
LMUN2115LT1G
LMUN2116LT1G
LMUN2131LT1G
LMUN2132LT1G
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kΩ ) LMUN2130LT1G
VOH
4.9
Vdc
Input Resistor
R1
7.0
15.4
32.9
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
10
22
47
47
10
10
4.7
1.0
2.2
4.7
4.7
22
13
28.6
61.1
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
k
Resistor Ratio LMUN2111LT1G/LMUN2112LT1G/LMUN2113LT1G
LMUN2114LT1G
LMUN2115LT1G/LMUN2116LT1G
/LMUN2110LT1G
LMUN2130LT1G/LMUN2131LT1G/LMUN2132LT1G
LMUN2133LT1G
R1/R2
0.8
0.17
-
0.8
0.055
1.0
0.21
-
1.0
0.1
1.2
0.25
-
1.2
0.185
5. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
ON CHARACTERISTICS (Note 5.)
LMUN211
0LT1G
0.2
-
-
-
-
LESHAN RADIO COMPANY, LTD.
3/8
LMUN2111LT1G
LMUN2112LT1G
LMUN2113LT1G
LMUN2114LT1G
LMUN2115LT1G
LMUN2116LT1G
LMUN2130LT1G
LMUN2131LT1G
LMUN2132LT1G
LMUN2133LT1G
LMUN2110LT1G
LMUN2134LT1G
LMUN2111LT1G
LMUN2112LT1G
LMUN2113LT1G
LMUN2114LT1G
LMUN2115LT1G
LMUN2116LT1G
LMUN2130LT1G
LMUN2131LT1G
LMUN2132LT1G
LMUN2133LT1G
LMUN2110LT1G
LMUN2134LT1G


Similar Part No. - LMUN2112LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2112LT3G LRC-LMUN2112LT3G Datasheet
169Kb / 9P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2112LT3G LEIDITECH-LMUN2112LT3G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - LMUN2112LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com