Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM1 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZMM1
Description  SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMM1 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZMM1 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMM1 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZMM1 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ZMM1 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ZMM1 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. ZMM1 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. ZMM1 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. ZMM1 Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dated : 20/09/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ZMM 1...ZMM200
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Temp coefficient
of Zener Voltage
lZT for VZT
2)
rZJT
rZJK at IZK
Ta =25
oCT
a = 125
oC
Type
Vznom
V
mA
V
mA
μA
μA
IR at VR
V
TKvz
%/K
ZMM 1
3)
0.75
5
0.7...0.8
<8
<50
1
--
--
--
-0.26...-0.23
ZMM 2V0
2.0
5
1.80...2.15
<85
<600
1
<100
<200
1
-0.09...-0.06
ZMM 2V2
2.2
5
2.08...2.33
<85
<600
1
<75
<160
1
-0.09...-0.06
ZMM 2V4
2.4
5
2.28...2.56
<85
<600
1
<50
<100
1
-0.09...-0.06
ZMM 2V7
2.7
5
2.5...2.9
<85
<600
1
<10
<50
1
-0.09...-0.06
ZMM 3V0
3.0
5
2.8...3.2
<85
<600
1
<4
<40
1
-0.08...-0.05
ZMM 3V3
3.3
5
3.1...3.5
<85
<600
1
<2
<40
1
-0.08...-0.05
ZMM 3V6
3.6
5
3.4...3.8
<85
<600
1
<2
<40
1
-0.08...-0.05
ZMM 3V9
3.9
5
3.7...4.1
<85
<600
1
<2
<40
1
-0.08...-0.05
ZMM 4V3
4.3
5
4.0...4.6
<75
<600
1
<1
<20
1
-0.06...-0.03
ZMM 4V7
4.7
5
4.4...5.0
<60
<600
1
<0.5
<10
1
-0.05...+0.02
ZMM 5V1
5.1
5
4.8...5.4
<35
<550
1
<0.1
<2
1
-0.02...+0.02
ZMM 5V6
5.6
5
5.2...6.0
<25
<450
1
<0.1
<2
1
-0.05...+0.05
ZMM 6V2
6.2
5
5.8...6.6
<10
<200
1
<0.1
<2
2
0.03...0.06
ZMM 6V8
6.8
5
6.4...7.2
<8
<150
1
<0.1
<2
3
0.03...0.07
ZMM 7V5
7.5
5
7.0...7.9
<7
<50
1
<0.1
<2
5
0.03...0.07
ZMM 8V2
8.2
5
7.7...8.7
<7
<50
1
<0.1
<2
6.2
0.03...0.08
ZMM 9V1
9.1
5
8.5...9.6
<10
<50
1
<0.1
<2
6.8
0.03...0.09
ZMM 10
10
5
9.4...10.6
<15
<70
1
<0.1
<2
7.5
0.03...0.1
ZMM 11
11
5
10.4...11.6
<20
<70
1
<0.1
<2
8.2
0.03...0.11
ZMM 12
12
5
11.4...12.7
<20
<90
1
<0.1
<2
9.1
0.03...0.11
ZMM 13
13
5
12.4...14.1
<26
<110
1
<0.1
<2
10
0.03...0.11
ZMM 15
15
5
13.8...15.6
<30
<110
1
<0.1
<2
11
0.03...0.11
ZMM 16
16
5
15.3...17.1
<40
<170
1
<0.1
<2
12
0.03...0.11
ZMM 18
18
5
16.8...19.1
<50
<170
1
<0.1
<2
13
0.03...0.11
ZMM 20
20
5
18.8...21.2
<55
<220
1
<0.1
<2
15
0.03...0.11
ZMM 22
22
5
20.8...23.3
<55
<220
1
<0.1
<2
16
0.04...0.12
ZMM 24
24
5
22.8...25.6
<80
<220
1
<0.1
<2
18
0.04...0.12
ZMM 27
27
5
25.1...28.9
<80
<220
1
<0.1
<2
20
0.04...0.12
ZMM 30
30
5
28...32
<80
<220
1
<0.1
<2
22
0.04...0.12
ZMM 33
33
5
31...35
<80
<220
1
<0.1
<2
24
0.04...0.12
ZMM 36
36
5
34...38
<80
<220
1
<0.1
<2
27
0.04...0.12
ZMM 39
39
2.5
37...41
<90
<500
0.5
<0.1
<5
30
0.04...0.12
ZMM 43
43
2.5
40...46
<90
<500
0.5
<0.1
<5
33
0.04...0.12
ZMM 47
47
2.5
44...50
<110
<600
0.5
<0.1
<5
36
0.04...0.12
ZMM 51
51
2.5
48...54
<125
<700
0.5
<0.1
<10
39
0.04...0.12
ZMM 56
56
2.5
52...60
<135
<700
0.5
<0.1
<10
43
0.04...0.12
ZMM 62
62
2.5
58...66
<150
<1000
0.5
<0.1
<10
47
0.04...0.12
ZMM 68
68
2.5
64...72
<200
<1000
0.5
<0.1
<10
51
0.04...0.12
ZMM 75
75
2.5
70...79
<250
<1000
0.5
<0.1
<10
56
0.04...0.12
ZMM 82
82
2.5
77...87
<300
<1500
0.25
<0.1
<10
62
0.05...0.12
ZMM 91
91
1
85...96
<450
<2000
0.1
<0.1
<10
68
0.05...0.12
ZMM 100
100
1
94...106
<450
<5000
0.1
<0.1
<10
75
0.05...0.12
ZMM 110
110
1
104...116
<600
<5000
0.1
<0.1
<10
82
0.05...0.12
ZMM 120
120
1
114...127
<800
<5500
0.1
<0.1
<10
91
0.05...0.12
ZMM 130
130
1
124...141
<950
<6000
0.1
<0.1
<10
100
0.05...0.12
ZMM 150
150
1
138...156
<1250
<6500
0.1
<0.1
<10
110
0.05...0.12
ZMM 160
160
1
153...171
<1400
<7000
0.1
<0.1
<10
120
0.05...0.12
ZMM 180
180
1
168...191
<1700
<8500
0.1
<0.1
<10
130
0.05...0.12
ZMM 200
200
1
188...212
<2000
<10000
0.1
<0.1
<10
150
0.05...0.12
1) Tested with pulses tp = 20 ms.
2)
Valid provided that electrodes are kept at ambient temperature
3)
The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be “F” instead of “Z”. Connect
the cathode electrode to the negative pole.


Similar Part No. - ZMM1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM1 SEMTECH-ZMM1 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Suntan Capacitors
ZMM1 SUNTAN-ZMM1 Datasheet
1Mb / 8P
   In MiniMELF case especially for automatic insertion
logo
Shanghai Lunsure Electr...
ZMM1 CHENYI-ZMM1 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
ZMM1 DGNJDZ-ZMM1 Datasheet
170Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
More results

Similar Description - ZMM1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com