Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT6428LT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBT6428LT1G
Description  Amplifier Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT6428LT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT6428LT1G Datasheet HTML 1Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 2Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 3Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 4Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
4/5
V CE = 5.0 V
V R , REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
I C , COLLECTOR CURRENT (mA)
Figure 9. “On” Voltages
I C , COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
I C , COLLECTOR CURRENT (mA)
Figure 10. Temperature Coefficients
I C , COLLECTOR CURRENT (mA)
Figure 12. Current–Gain — Bandwidth Product
T A = 125°C
25°C
–55°C
T J = 25°C
V CE(sat) @ I C /I B = 10
V BE @ V CE = 5.0 V
T J = 25°C to 125°C
–55°C to 25°C
T J = 25°C
C cb
C ob
C eb
C ib
V CE = 5.0 V
T J = 25°C
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
4.0
3.0
2.0
1.0
0.7
0.5
0.4
0.3
0.2
0.01 0.02 0.05
0.1 0.2
0.5
1.0 2.0
5.0
10
20
50
100
1.0
0.8
0.6
0.4
0.2
0
0.01 0.02 0.05
0.1 0.2
0.5
1.0 2.0
5.0
10
20
50
100
–0.4
–0.8
–1.2
–1.6
–2.0
–2.4
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
8.0
6.0
4.0
3.0
2.0
1.0
0.8
1.0
2.0
3.0
5.0
7.0 10
20
30
50
70
100
50
300
200
100
70
50
LMBT6428LT1G LMBT6429LT1G


Similar Part No. - LMBT6428LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6428LT1G LRC-LMBT6428LT1G Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_11 Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_15 Datasheet
288Kb / 5P
   Amplifier Transistors
More results

Similar Description - LMBT6428LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com