Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

678-114-86 Datasheet(PDF) 3 Page - Marl International Limited

Part # 678-114-86
Description  PROFESSIONAL LED INDICATORS 횠16mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

678-114-86 Datasheet(HTML) 3 Page - Marl International Limited

  678-114-86 Datasheet HTML 1Page - Marl International Limited 678-114-86 Datasheet HTML 2Page - Marl International Limited 678-114-86 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2007 : DS 090/07 Issue 1
DERATING INFORMATION
678 SERIES
102, 105, 111 & 114
Part numbers also available in the 307 Series:
The products listed above illustrate all of the options available to order. These products may have custom
modifications that alter their operation beyond the generic information contained within this datasheet. Please
contact sales for further information.
PART NO.
COLOUR
VOLTAGE
(Vdc) Vopr
678-102-22
Red
24Vdc
678-102-75
Red
110Vac
678-102-76
Red
230Vac
678-105-04
Red
20mA
678-105-22
Red
24Vdc
678-105-75
Red
110Vac
678-105-76
Red
230Vac
678-111-04
Yellow
20mA
678-111-22
Yellow
24Vdc
678-111-71
Yellow
12Vac
678-111-76
Yellow
230Vac
678-114-22
Green
24Vdc
678-114-45
Green
30Vdc
678-114-58
Green
70Vdc
678-114-75
Green
110Vac
678-114-76
Green
230Vac
678-114-86
Green
115Vac
678-521-00-50
Yellow
110Vdc
678-930-00-51
Blue
110Vdc
UNITS


Similar Part No. - 678-114-86

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
678-114-21 MARL-678-114-21 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
678-114-22 MARL-678-114-22 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
678-114-22 MARL-678-114-22 Datasheet
405Kb / 4P
   high performance panel lamps
678-114-23 MARL-678-114-23 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
678-114-75-15 MARL-678-114-75-15 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
More results

Similar Description - 678-114-86

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
684-312-04 MARL-684-312-04 Datasheet
272Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com