Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

671-292-87-50 Datasheet(PDF) 3 Page - Marl International Limited

Part # 671-292-87-50
Description  PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

671-292-87-50 Datasheet(HTML) 3 Page - Marl International Limited

  671-292-87-50 Datasheet HTML 1Page - Marl International Limited 671-292-87-50 Datasheet HTML 2Page - Marl International Limited 671-292-87-50 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2007 : DS 048/06 Issue 3
ALSO AVAILABLE
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
671-289-50
Red
125Vdc
671-289-75
Red
110Vac
671-289-76
Red
230Vac
671-289-87-50 Red
130Vac/dc
671-289-98-50 Red
24Vac/dc
671-290-26
Red
230Vdc
671-290-50
Red
125Vdc
671-290-75
Red
110Vac
671-290-76
Red
230Vac
671-291-26
Yellow
230Vdc
671-291-50
Yellow
125Vdc
671-291-75
Yellow
110Vac
671-291-76
Yellow
230Vac
671-291-99
Yellow
110Vac/dc
671-292-50
Green
125Vc
671-292-75
Green
110Vac
671-292-76
Green
230Vac
671-292-87-50 Green
130Vac/dc
671-292-98-50 Green
24Vac/dc
671-293-87-50 Yellow
130Vac/dc
671-294-87-50 Blue
130Vac/dc
671-295-87-50 White
130Vac/dc
671-295-91-50 White
230Vac/dc
UNITS
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
Part numbers also available in the 671 Series:


Similar Part No. - 671-292-87-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671-292-87-50 MARL-671-292-87-50 Datasheet
174Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
671-292-87-50 MARL-671-292-87-50 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
671-292-87-50 MARL-671-292-87-50 Datasheet
374Kb / 4P
   Large LED indication
More results

Similar Description - 671-292-87-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
671-289-87-50 MARL-671-289-87-50 Datasheet
174Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
672-290-99 MARL-672-290-99 Datasheet
172Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com