Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGS0T12LT1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LGS0T12LT1G
Description  Transient Voltage Suppressors for ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LGS0T12LT1G Datasheet(HTML) 6 Page - Leshan Radio Company

  LGS0T12LT1G Datasheet HTML 1Page - Leshan Radio Company LGS0T12LT1G Datasheet HTML 2Page - Leshan Radio Company LGS0T12LT1G Datasheet HTML 3Page - Leshan Radio Company LGS0T12LT1G Datasheet HTML 4Page - Leshan Radio Company LGS0T12LT1G Datasheet HTML 5Page - Leshan Radio Company LGS0T12LT1G Datasheet HTML 6Page - Leshan Radio Company LGS0T12LT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Reel Dimensions
Metric Dimensions Govern –– English are in parentheses for reference only
EMBOSSED TAPE AND REEL DATA
FOR DISCRETES
A
T Max
Outside Dimension
Measured at Edge
G
Inside Dimension
Measured Near Hub
20.2mm Min
(.795’’)
1.5mm Min
(.06’’)
13.0mm ± 0.5mm
(.512 ±.002’’)
50mm Min
(1.969’’)
Full Radius
Size
A Max
G
T Max
8 mm
330mm
(12.992’’)
8.4mm+1.5mm, -0.0
(.33’’+.059’’, -0.00)
14.4mm
(.56’’)
LESHAN RADIO COMPANY, LTD.
Storage Conditions
Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred)
Humidity: 30 to 80 RH (40 to 60 is preferred )
Recommended Period: One year after manufacturing
(This recommended period is for the soldering condition only. The
characteristics and reliabilities of the products are not restricted to
this limitation)
6/7


Similar Part No. - LGS0T12LT1G

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LGS100 PF-LGS100 Datasheet
917Kb / 9P
   Light grid
LGS17 PF-LGS17 Datasheet
941Kb / 10P
   Light grid
LGS25 PF-LGS25 Datasheet
941Kb / 10P
   Light grid
logo
Siemens Semiconductor G...
LGS250-DO SIEMENS-LGS250-DO Datasheet
102Kb / 4P
   LIGHT EMITTING DIODES
LGS259 SIEMENS-LGS259 Datasheet
116Kb / 5P
   Light Emltting Diodes
More results

Similar Description - LGS0T12LT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com