Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

678-114-23 Datasheet(PDF) 2 Page - Marl International Limited

Part # 678-114-23
Description  PROFESSIONAL LED INDICATORS 횠16mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

678-114-23 Datasheet(HTML) 2 Page - Marl International Limited

  678-114-23 Datasheet HTML 1Page - Marl International Limited 678-114-23 Datasheet HTML 2Page - Marl International Limited 678-114-23 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
678 SERIES
Page 2 of 3
Anode termination indicated by red sleeve
BS EN ISO 9001:2000
Approved Manufacturer
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Dimensions in mm (Typical)
Not to scale
Mounting Hole
© MARL INTERNATIONAL LTD 2007 : DS 090/07 Issue 1
Body
Black anodised aluminium
Nut
Black anodised aluminium
Panel Seal
Viton
Termination Tags
Tin Plated Phosphor Bronze
Lens
Epoxy
Encapsulation
PC5430 resin
Lock Washer
Spring Steel
MATERIALS
PUSH-ON CONNECTORS
TECHNICAL CHARACTERISTICS
OPTIONAL FLYING LEAD TERMINATIONS
SERIES
MAXIMUM
MAXIMUM
PANEL
NUT
MINIMUM
MIN/MAX.
POWER
REVERSE
CUTOUT
MOUNTING
MOUNTING PANEL
DISSIPATION
VOLTAGE
TORQUE
CENTRES
THICKNESS
678
1700
3* / 1000•
16.0
1.0
x,y = 25.0
1.5-8.0
UNITS
mW
Vdc
mm
Nm
mm
mm
* = Current Version • = Voltage Version
ORDER
SUPPLY
WIRE
WIRE
NO/DIAMETER
DIAMETER
COMMENTS
CODE
VOLTAGE
COLOUR
LENGTH
OF
OVER
SUFFIX
CONDUCTORS
INSULATION
15
DC Products
Red-anode / Black-cathode 150mm
15
AC Products
Brown-live / Blue-neutral
150mm
Customised
19/0.15mm
1.2mm
lengths
19
DC Products
Red-anode / Black-cathode 1000mm
available
19
AC Products
Brown-live / Blue-neutral
1000mm
925-000-00 is brass tin plated.
For use with 678 series lamps.
Dimensions in mm (Typical)
Not to scale
12.2
2 Anti-Rotation Flats
22.5
6.0
Ø16.0


Similar Part No. - 678-114-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
678-114-23 MARL-678-114-23 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
More results

Similar Description - 678-114-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
603-301-04 MARL-603-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
684-312-04 MARL-684-312-04 Datasheet
272Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com