Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

643-509-04 Datasheet(PDF) 1 Page - Marl International Limited

Part # 643-509-04
Description  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

643-509-04 Datasheet(HTML) 1 Page - Marl International Limited

  643-509-04 Datasheet HTML 1Page - Marl International Limited 643-509-04 Datasheet HTML 2Page - Marl International Limited 643-509-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk • webstore: www.leds.co.uk
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
643-503-04
Red
Colour Diffused 2.0
20
160
627
-40 ~ +85^
-40 ~ +85
Yes
643-509-04
Yellow
Colour Diffused 2.1
20
80
590
-40 ~ +85^
-40 ~ +85
Yes
643-512-04
Green
Colour Diffused 2.2
20
120
565
-40 ~ +85^
-40 ~ +85
Yes
643-501-04
Red
Colour Diffused 2.0
20
11000
643
-40 ~ +95^
-40 ~ +100
Yes
643-521-04
Yellow
Colour Diffused 2.1
20
16000
591
-40 ~ +95^
-40 ~ +100
Yes
643-532-04
Green
Colour Diffused 3.4
20
23000
527
-40 ~ +95^
-40 ~ +100
Yes
643-930-04
Blue
Colour Diffused 3.4
20
7000
470
-40 ~ +95^
-40 ~ +100
Yes
643-997-04
Cool White
Colour Diffused 3.4
20
14000
see below -40 ~ +95^
-40 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
Black anodised aluminium housing
Short body length is ideal for portable equipment
Wide viewing angle
Sealed to IP67
Suitable for high vibration applications
PROFESSIONAL LED INDICATORS Ø8.1mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2006 : DS 043/06 Issue 1
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
STANDARD INTENSITY
HIGH INTENSITY
643 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 3
Other voltages AC/DC available. Please contact our Technical Sales.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
Appropriate LED numbers shown - Refer to page 3
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
997F-C *Typical emission colour cool white
x
0.245 0.361 0.356 0.264
y
0.229 0.385 0.351 0.220


Similar Part No. - 643-509-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
643-509-04 MARL-643-509-04 Datasheet
401Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
643-509-04 MARL-643-509-04 Datasheet
401Kb / 4P
   high performance panel lamps
More results

Similar Description - 643-509-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com