Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESD9D3.3T5G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LESD9D3.3T5G
Description  ESD PROTECTION DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LESD9D3.3T5G Datasheet(HTML) 1 Page - Leshan Radio Company

  LESD9D3.3T5G Datasheet HTML 1Page - Leshan Radio Company LESD9D3.3T5G Datasheet HTML 2Page - Leshan Radio Company LESD9D3.3T5G Datasheet HTML 3Page - Leshan Radio Company LESD9D3.3T5G Datasheet HTML 4Page - Leshan Radio Company LESD9D3.3T5G Datasheet HTML 5Page - Leshan Radio Company LESD9D3.3T5G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ESD PROTECTION DIODE
Discription
The
is designed to protect
voltage
sensitive components from ESD.
Excellent clamping capability, low leakage, and
fast response time provide best in class protection
on designs that are exposed to ESD. Because of
its small size, it is suited for use in cellular
phones, MP3 players, digital cameras and many
other portable applications where board space is
at a premium.
Applications
l Cellular phones audio
l MP3 players
l Digital cameras
l Portable applicationss
l mobile telephone
Features
l
Small Body Outline Dimensions:
0.039
″ x 0.024″(1.0 mm x 0.60 mm)
l
Low Body Height: 0.017
″ (0.43 mm) Max
l
Stand
−off Voltage: 3.3 V − 12 V
l
Low Leakage
l
Response Time is Typically < 1 ns
l
ESD Rating of Class 3 (> 16 kV) per Human Body
Model
l
IEC61000
−4−2 Level 4 ESD Protection
l
These are Pb
−Free Devices
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000-4-2 (ESD)
Contact
±15
kV
ESD Voltage
Per Human Body Model
16
kV
Total Power Dissipation on FR-5 Board (Note 1)
@ TA=25℃
PD
150
Mw
Junction and Storage Temperature Range
TJ,TSTG
-55 to 150
Lead Solder Temperature
– Maximum (10
Second Duration)
TL
260
Stresses exceeding Maximum Ratings may damage the device. Maximum Rating are stress ratings only.
Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to
stresses above the Recommended Operating Conditions may affect device reliability.
1. FR-5 = 1.0*0.75*0.62 in.
LESD9D3.3T5G
SOD-923
LESD9D3.3T5G
LESHAN RADIO COMPANY, LTD.
1/6
Shipping
8000/Tape&Reel
LESD9D3.3T5G
Ordering information
Device
Package
SOD-923
1
2
We declare that the material of product
compliance with RoHS requirements.
l
LESD9D3.3T5G
Contact discharge
±8
kV
Air


Similar Part No. - LESD9D3.3T5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - LESD9D3.3T5G

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com