Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS30622C6227RG Datasheet(PDF) 1 Page - ON Semiconductor

Part # AMIS30622C6227RG
Description  I짼C Micro-Stepping Motor Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30622C6227RG Datasheet(HTML) 1 Page - ON Semiconductor

  AMIS30622C6227RG Datasheet HTML 1Page - ON Semiconductor AMIS30622C6227RG Datasheet HTML 2Page - ON Semiconductor AMIS30622C6227RG Datasheet HTML 3Page - ON Semiconductor AMIS30622C6227RG Datasheet HTML 4Page - ON Semiconductor AMIS30622C6227RG Datasheet HTML 5Page - ON Semiconductor AMIS30622C6227RG Datasheet HTML 6Page - ON Semiconductor AMIS30622C6227RG Datasheet HTML 7Page - ON Semiconductor AMIS30622C6227RG Datasheet HTML 8Page - ON Semiconductor AMIS30622C6227RG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
AMIS-30622
I²C Micro-Stepping Motor Driver
©2008 SCILLC. All rights reserved.
Publication Order Number:
June 2008 – Rev. 3
30622/A
General description
The AMIS-30622 is a member of a stepper
motordriver family with position controller and
control/diagnostics interface integrated in one
single chip.
The family consists of two products:
• AMIS-30621 with LIN interface, ready to build
dedicated mechatronics solutions connected
remotely with a LIN master.
• AMIS-30622 with SERIAL interface, ready to
act
as
peripheral
device
next
to
a
microcontroller.
The chip receives high-level positioning instructions
through the interface and subsequently drives the
motor coils until the desired position is reached. The
on-chip position controller is configurable (OTP and
Interface) for different motor types, positioning ranges
and
parameters
for
speed,
acceleration
and
deceleration.
The AMIS-30622 acts as a slave on the bus and the
master can fetch specific status information like actual
position, error flags, etc. from each individual slave
node.
Features
Motordriver
Microstepping (1/2, 1/4, 1/8, 1/16)
Low resonance & noise
High resolution
Programmable peak current up to 800mA
20kHz PWM current-control
Automatic selection of fast & slow decay mode
Internal fly-back FETs
Fully integrated current sense
8V-29V supply voltage
Automotive compliant
Full diagnostics and status information
Controller with RAM and OTP memory
Position controller
Configurable speeds, acceleration and
deceleration
Flexible hold-current
Movement/position sensor-input
Optional stall detection
Serial interface
• 2-wire serial interface
• 5V microcontroller compatible
• Up to 32 node addresses
• 5V regulator with wake-up on LIN activity
Protection
• Over-current protection
• Under-voltage management
• Over-voltage protection
• High-temp warning and shutdown
• Low-temp warning
• LIN bus short-circuit protection to supply & ground
Power Saving
• Power-down supply current <50µA
• 5V regulator with wake-up on LIN activity
EMI compatibility
• Power drivers with slope control
Applications and benefits
The AMIS-30622 is ideally suited for small
positioning applications. Target markets include:
automotive (headlamp alignment, HVAC,
idle
control, cruise), industrial equipment (lighting, fluid
control, labeling, process, XYZ tables) and building
automation (HVAC, surveillance, satellite dish
positioning). Suitable applications typically have
multiple axes or require mechatronic solutions with
the driver chip mounted directly on the motor.
The
high abstraction
level of
the
products’
command set reduces the load of the processor on
the master side. Scaling of the application towards
number of axes is straight-forward: hardware - and
software designs are extended in a modular way,
without severely effecting the demands on the master
microcontroller. The bus structure simplifies PCB
track-layout and/or wiring architectures.
Microstepping operation removes the design trade-off
between minimal operation speed and avoiding the
risk of noise and step-loss due to resonance
phenomena. The stall-detection feature (optional)
offers silent, yet accurate position-calibrations during
the referencing run and allows semi-closed loop
operation when approaching the mechanical end-
stops.
All these benefits result in reduced system-cost and
time-to-market and improved technical performance.


Similar Part No. - AMIS30622C6227RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30622C6227RG ONSEMI-AMIS30622C6227RG Datasheet
524Kb / 50P
   I2C Micro-Stepping Motor Driver
July, 2013 ??Rev. 5
More results

Similar Description - AMIS30622C6227RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com