Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-30585 Datasheet(PDF) 10 Page - ON Semiconductor

Part # AMIS-30585
Description  S-FSK PLC Modem
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-30585 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AMIS-30585 Datasheet HTML 6Page - ON Semiconductor AMIS-30585 Datasheet HTML 7Page - ON Semiconductor AMIS-30585 Datasheet HTML 8Page - ON Semiconductor AMIS-30585 Datasheet HTML 9Page - ON Semiconductor AMIS-30585 Datasheet HTML 10Page - ON Semiconductor AMIS-30585 Datasheet HTML 11Page - ON Semiconductor AMIS-30585 Datasheet HTML 12Page - ON Semiconductor AMIS-30585 Datasheet HTML 13Page - ON Semiconductor AMIS-30585 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AMIS−30585
http://onsemi.com
10
Figure 11. Typical Application for the AMIS−30585 S−FSK Modem
CIRCUIT PERFORMANCE
Nominal Conditions
Ambient temperature:
25
°C
Power supply:
3.3 V
Mains frequency:
50 Hz
Crystal frequency fCLK:
24 MHz
Operating Ranges
Operating ranges define the limits for functional
operation and parametric characteristics of the device as
described in Table 7 and for the reliability specifications as
listed in the Block Description section. Functionality
outside these limits is not implied.
Total cumulative dwell time outside the normal power
supply voltage range or the ambient temperature under bias,
must be less than 0.1 percent of the useful life as defined in
the Block Description section.
Table 7. OPERATING RANGES
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Power supply voltage range
3.0
3.6
V
Tamb
Ambient temperature
−25
70
°C


Similar Part No. - AMIS-30585

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30585 AMI-AMIS-30585 Datasheet
501Kb / 11P
   S-FSK PLC Modem
More results

Similar Description - AMIS-30585

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30585 AMI-AMIS-30585 Datasheet
501Kb / 11P
   S-FSK PLC Modem
logo
Texas Instruments
TCM3105DWL TI-TCM3105DWL Datasheet
246Kb / 12P
[Old version datasheet]   FSK MODEM
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
[Old version datasheet]   FSK MODEM
logo
Exar Corporation
XR-2103 EXAR-XR-2103 Datasheet
362Kb / 6P
   FSK Modem Filter
logo
Renesas Technology Corp
R9A06G037 RENESAS-R9A06G037 Datasheet
800Kb / 30P
   PLC Modem LSI
Dec 16, 2020
R9A06G061 RENESAS-R9A06G061 Datasheet
955Kb / 25P
   PLC Modem LSI
October 21, 2021
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
Advanced Micro Devices
AM7911 AMD-AM7911 Datasheet
1Mb / 40P
   WORLD-CHIP FSK Modem
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
   CMOS 1200 BAUD FSK MODEM
logo
NXP Semiconductors
NE5081 PHILIPS-NE5081 Datasheet
445Kb / 3P
   HIGH-SPEED FSK MODEM RECEIVER
August 31 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com