Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3120AJRZ-RL Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADP3120AJRZ-RL
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3120AJRZ-RL Datasheet(HTML) 4 Page - ON Semiconductor

  ADP3120AJRZ-RL Datasheet HTML 1Page - ON Semiconductor ADP3120AJRZ-RL Datasheet HTML 2Page - ON Semiconductor ADP3120AJRZ-RL Datasheet HTML 3Page - ON Semiconductor ADP3120AJRZ-RL Datasheet HTML 4Page - ON Semiconductor ADP3120AJRZ-RL Datasheet HTML 5Page - ON Semiconductor ADP3120AJRZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3120AJRZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3120AJRZ-RL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP3120A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Note 4) (VCC = 12 V, TA = 0°C to +85°C, TJ = 0°C to +125°C unless otherwise noted.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Supply
Supply Voltage Range
VCC
4.6
13.2
V
Supply Current
ISYS
BST = 12 V, IN = 0 V
0.7
5.0
mA
OD Input
Input Voltage High
VOD_HI
2.0
V
Input Voltage Low
VOD_LO
0.8
V
Hysteresis
400
mV
Input Current
No internal pullup or pulldown resistors
−1.0
+1.0
mA
PWM Input
Input Voltage High
VPWM_HI
2.0
V
Input Voltage Low
VPWM_LO
0.8
V
Hysteresis
400
mV
Input Current
No internal pullup or pulldown resistors
−1.0
+1.0
mA
High−Side Driver
Output Resistance, Sourcing Current
BST − SW = 12 V; TA = 0 °C to 85 °C
BST − SW = 12 V; TA = 25 °C
2.2
3.9
3.3
W
Output Resistance, Sinking Current
BST − SW = 12 V; TA = 0 °C to 85 °C
BST − SW = 12 V; TA = 25 °C
1.0
2.6
1.8
W
Output Resistance, Unbiased
BST − SW = 0 V
15
kW
Transition Times
trDRVH
tfDRVH
BST − SW = 12 V, CLOAD = 3.0 nF
(See Figure 3)
20
11
40
30
ns
Propagation Delay Times (Note 5)
tpdhDRVH
tpdlDRVH
tpdlOD
tpdhOD
BST − SW = 12 V, CLOAD = 3.0 nF
(See Figure 3)
BST − SW = 12 V, CLOAD = 3.0 nF
(See Figure 3)
(See Figure 2)
(See Figure 2)
32
45
25
20
25
70
35
35
55
ns
SW Pulldown Resitance
SW to PGND
15
kW
Low−Side Driver
Output Resistance, Sourcing Current
TA = 0 °C to 85 °C
TA = 25 °C
1.8
3.9
3.3
W
Output Resistance, Sinking Current
TA = 0 °C to 85 °C
TA = 25 °C
1.0
2.6
1.8
W
Output Resistance, Unbiased
VCC = PGND
15
kW
Transition Times
trDRVL
tfDRVL
CLOAD = 3.0 nF, (See Figure 3)
16
11
35
30
ns
Propagation Delay Times (Note 5)
tpdhDRVL
tpdlDRVL
tpdlOD
tpdhOD
CLOAD = 3.0 nF, (See Figure 3)
(Note 6, tpdhDRVL only)
(See Figure 2)
(See Figure 2)
12
15
20
20
35
45
35
35
ns
Timeout Delay
DRVH − SW = 0
85
ns
Undervoltage Lockout
UVLO Startup
3.9
4.3
4.5
V
UVLO Shutdown
3.7
4.1
4.3
V
Hysteresis
0.1
0.2
0.4
V
4. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
5. For propagation delays, “tpdh” refers to the specified signal going high; “tpdl” refers to it going low.
6. Guaranteed by design; not tested in production.


Similar Part No. - ADP3120AJRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3120AJRZ-RL AD-ADP3120AJRZ-RL Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3120AJRZ-RL ONSEMI-ADP3120AJRZ-RL Datasheet
126Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
More results

Similar Description - ADP3120AJRZ-RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com