Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3110AKRZ-RL Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADP3110AKRZ-RL
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3110AKRZ-RL Datasheet(HTML) 7 Page - ON Semiconductor

  ADP3110AKRZ-RL Datasheet HTML 1Page - ON Semiconductor ADP3110AKRZ-RL Datasheet HTML 2Page - ON Semiconductor ADP3110AKRZ-RL Datasheet HTML 3Page - ON Semiconductor ADP3110AKRZ-RL Datasheet HTML 4Page - ON Semiconductor ADP3110AKRZ-RL Datasheet HTML 5Page - ON Semiconductor ADP3110AKRZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3110AKRZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3110AKRZ-RL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADP3110A
http://onsemi.com
7
PACKAGE DIMENSIONS
DFN8 3x3, 0.5P
CASE 506BJ−01
ISSUE O
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERMASK DEFINED
PIN 1
REFERENCE
A
B
C
0.10
2X
2X
TOP VIEW
D
E
C
0.10
NOTES:
1. DIMENSIONS AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND 0.30
MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
E2
BOTTOM VIEW
b
0.10
8X
L
14
0.05
C AB
C
D2
e
K
85
8X
8X
(A3)
C
C
0.05
8X
C
0.05
SIDE VIEW
A1
A
SEATING
PLANE
DIM MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.18
0.30
D
3.00 BSC
D2
1.64
1.84
E
3.00 BSC
E2
1.35
1.55
e
0.50 BSC
K
0.20
−−−
L
0.30
0.50
NOTE 3
L
DETAIL A
OPTIONAL
CONSTRUCTION
L1
DETAIL A
DETAIL B
EDGE OF PACKAGE
MOLD CMPD
EXPOSED Cu
L
OPTIONAL
CONSTRUCTION
OPTIONAL
CONSTRUCTION
L1
0.00
0.03
NOTE 4
DETAIL B
3.30
8X
DIMENSION: MILLIMETERS
0.63
1.55
1.85
0.50
PITCH
8X
0.35
MOUNTING FOOTPRINT
DETAIL A


Similar Part No. - ADP3110AKRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3110AKRZ-RL AD-ADP3110AKRZ-RL Datasheet
329Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
More results

Similar Description - ADP3110AKRZ-RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com